Electronic Components Datasheet Search
  English  ▼

X  

ICS9169AM-70 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9169AM-70
Description  Frequency Generator for Workstation Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9169AM-70 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9169AM-70 Datasheet HTML 1Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 2Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 3Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 4Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 5Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 6Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ICS9169A-70
Electrical Characteristics - SCSI
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-10%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH1
IOH = -14 mA
2.4
2.9
V
Output Low Voltage
VOL1
IOL = 11 mA
0.3
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-43.0
23.0
mA
Output Low Current
IOL1
VOL = 0.8 V
20.0
31.0
mA
Rise Time
tr5
1
VOL = 0.8 V, VOH = 2.4 V
0.7
1.5
nS
Fall Time
tf5
1
VOH = 2.4 V, VOL = 0.8 V
0.6
1.5
nS
Duty Cycle
dt5
1
VT = 1.5 V
45
50
55
%
Skew (window)
tsk1
1
VT = 1.4 V
-250
-
250
pS
Jitter
tj1s5
1
VT = 1.5 V; Rs= 33; (10 to 24 MHz Clocks)
-
200
300
pS
tj1s5
1
VT = 1.5 V; Rs= 33; (40 to 80 MHz Clocks)
-
90
150
pS
tjabs5
1
VT = 1.5 V; Rs= 33; (10 to 24 MHz Clocks)
-700
-
700
tjabs5
1
VT = 1.5 V; Rs= 33; (40 to 80 MHz Clocks)
-400
-
400
pS
1
Guarenteed by design, not 100% tested in production.
Electrical Characteristics - PCI
TA = 0 - 70C; VDD = 3.3 V +/-10%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH1
IOH = -14 mA
2.4
2.9
V
Output Low Voltage
VOL1
IOL = 11 mA
0.3
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-43.0
23.0
mA
Output Low Current
IOL1
VOL = 0.8 V
20.0
31.0
mA
Rise Time
tr1
1
VOL = 0.8 V, VOH = 2.4 V
0.8
1.5
nS
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.8 V
0.9
1.5
nS
Duty Cycle
dt1
1
VT = 1.4 V
45.0
51.0
55.0
%
Skew (window)
tsk1
1
VT = 1.4 V
-250
250
pS
Jitter
tj1s1
1
VT = 1.5 V; Rs= 33
88
150
pS
tjabs1
1
VT = 1.5 V; Rs= 33
-300
300
pS
1
Guarenteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com