Electronic Components Datasheet Search
  English  ▼

X  

ICS9169AM-70 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9169AM-70
Description  Frequency Generator for Workstation Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9169AM-70 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9169AM-70 Datasheet HTML 1Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 2Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 3Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 4Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 5Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 6Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
ICS9169A-70
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.
Electrical Characteristics - REF
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-10%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH1
IOH = -14 mA
2.4
2.9
V
Output Low Voltage
VOL1
IOL = 11 mA
0.3
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-43.0
23.0
mA
Output Low Current
IOL1
VOL = 0.8 V
20.0
31.0
mA
Rise Time
tr5
1
VOL = 0.8 V, VOH = 2.4 V
0.7
1.5
nS
Fall Time
tf5
1
VOH = 2.4 V, VOL = 0.8 V
0.6
1.5
nS
Duty Cycle
dt5
1
VT = 1.5 V
405360%
Jitter
tj1s5
1
VT = 1.5 V
-
182
400
pS
tjabs5
1
VT = 1.5 V
-700
-
700
pS
1Guarenteed by design, not 100% tested in production.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-10% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2.0
-
-
V
Input Low Voltage
VIL
--
0.9
V
Input High Current
IIH1
VIN = VDD
-5
0.2
5
mA
Input Low Current
IIL1
VIN = 0 V
-20
-50.0
-
mA
Supply Current
IDD
CL = 0 pF; Select @ 66M
50
110
mA
Input frequency
Fi
VDD = 3.3 V;
14.318
MHz
Input Capacitance
1
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27.0
36.0
45.0
pF
Transition Time
1
Ttrans
To 1st crossing of target Freq.
0.136
2.0
mS
Settling Time
1
Ts
From 1st crossing to 1% target Freq.
63.0
600
µS
Clock Overshoot
1
Tsh
1.7
4.0
MHz
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target Freq.
3mS
1Guarenteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com