Electronic Components Datasheet Search
  English  ▼

X  

ICS9169AM-70 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9169AM-70
Description  Frequency Generator for Workstation Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9169AM-70 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9169AM-70 Datasheet HTML 1Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 2Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 3Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 4Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 5Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 6Page - Integrated Circuit Systems ICS9169AM-70 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9169A-70
Block Diagram
Frequency Generator for Workstation Systems
9169A-70 Rev B 2/14/01
Pin Configuration
32-Pin SOIC
•
9 PCI outputs selectable from 30 to 66.6MHz
•
3 SCSI outputs, selectable from 10 to 80MHz
•
500ps skew window for all synchronous clock edges
•
Integrated buffer outputs drive up to 30pF loads
•
500ps output to output skew window
•
Buffers drive 30pF loads nominally 0.8V/ns skew rate
•
3.0V - 3.7Vsupply range
•
32-pin SOIC package
•
48 MHz clock for USB support and 24 MHz clock
for FD
The ICS9169A-70 is a low-cost frequency generator designed
specifically for workstation or PC system clocks. The
integrated buffer minimizes skew and provides all the clocks
required. A 14.318 MHz XTAL oscillator provides the
reference clock to generate standard Pentium frequencies.
The CPU clock makes gradual frequency transitions without
violating the PLL timing of internal microprocessor clock
multipliers.
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the latest
version of all device data to verify that any information being relied upon by the
customer is current and accurate.


Similar Part No. - ICS9169AM-70

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
Frequency Generator for Workstation Systems
More results

Similar Description - ICS9169AM-70

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9107C-19 ICST-AV9107C-19 Datasheet
275Kb / 5P
Frequency Generator for Fibre Channel Systems
RevC091897
ICS9107C-21 ICST-ICS9107C-21 Datasheet
151Kb / 4P
Frequency Generator for Fibre Channel Systems
Rev C 9/14/99
ICS9112-43 ICST-ICS9112-43 Datasheet
223Kb / 5P
Frequency Generator for Gigabit Ethernet Systems
Rev D 3/3/99
ICS9117-01 ICST-ICS9117-01 Datasheet
68Kb / 5P
Frequency Generator for Modem Systems
RevA 052297
ICS9120-49 ICST-ICS9120-49 Datasheet
107Kb / 5P
Frequency Generator for CD-ROM Systems
Rev A 072296
ICS9120-52 ICST-ICS9120-52 Datasheet
84Kb / 5P
Frequency Generator for CD-ROM Systems
Rev B 052497
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
Frequency Timing Generator for Transmeta Systems
ICS932S200 ICST-ICS932S200 Datasheet
102Kb / 12P
Frequency Timing Generator for Dual Server/Workstation Systems
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
Frequency Generator for Workstation Systems
logo
Renesas Technology Corp
ICS932S200 RENESAS-ICS932S200 Datasheet
413Kb / 14P
Frequency Timing Generator for Dual Server/Workstation Systems
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com