Electronic Components Datasheet Search
  English  ▼

X  

ICS9179F-06 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9179F-06
Description  Zero Delay Buffers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9179F-06 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9179F-06 Datasheet HTML 1Page - Integrated Circuit Systems ICS9179F-06 Datasheet HTML 2Page - Integrated Circuit Systems ICS9179F-06 Datasheet HTML 3Page - Integrated Circuit Systems ICS9179F-06 Datasheet HTML 4Page - Integrated Circuit Systems ICS9179F-06 Datasheet HTML 5Page - Integrated Circuit Systems ICS9179F-06 Datasheet HTML 6Page - Integrated Circuit Systems ICS9179F-06 Datasheet HTML 7Page - Integrated Circuit Systems ICS9179F-06 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ICS9179-06
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.
Electrical Characteristics - Input & Supply
TA = 0 - 70C; Supply Voltage VDD = 3.3 V+/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
5uA
Input Low Current
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
uA
Input Low Current
IIL2
VIN = 0 V; Inputs with pull-up resistors
-60
-33
uA
Operating
IDD
CL = 0 pF; FIN @ 66M
115
150
mA
Supply Current
CL = 0 pF; FIN @ 100M
170
180
mA
Output Disabled
IDD
CL = 0 pF; FIN @ 66M
30
mA
Supply Current
CL = 0 pF; FIN @ 100M
30
mA
Input frequency
Fi
VDD = 3.3 V; All Outputs Loaded
33
105
MHz
Input Capacitance
CIN
Logic Inputs
5
pF
1Guarenteed by design, not 100% tested in production.
Electrical Characteristics - Input & Supply
TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
5uA
IIL
VIN = 0 V; Inputs with no pull-up resistors
-5
uA
IIL
VIN = 0 V; Inputs with 100K pull-up resistors
-60
-33
uA
Operating
IDD1
CL = 0 pF; FIN @ 66M
115
150
mA
Supply Current
IDD2
CL = 0 pF; FIN @ 100M
170
180
mA
Input frequency
Fi
1
VDD = 3.3 V; All Outputs Loaded
10
150
MHz
Input Capacitance
CIN
1
Logic Inputs
5
pF
1Guarenteed by design, not 100% tested in production.
Input Low Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com