Electronic Components Datasheet Search
  English  ▼

X  

ICS9179F-06 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9179F-06
Description  Zero Delay Buffers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9179F-06 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9179F-06 Datasheet HTML 1Page - Integrated Circuit Systems ICS9179F-06 Datasheet HTML 2Page - Integrated Circuit Systems ICS9179F-06 Datasheet HTML 3Page - Integrated Circuit Systems ICS9179F-06 Datasheet HTML 4Page - Integrated Circuit Systems ICS9179F-06 Datasheet HTML 5Page - Integrated Circuit Systems ICS9179F-06 Datasheet HTML 6Page - Integrated Circuit Systems ICS9179F-06 Datasheet HTML 7Page - Integrated Circuit Systems ICS9179F-06 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9179-06
Block Diagram
PentiumPro is a trademark of Intel Corporation
I
2C is a trademark of Philips Corporation
Zero Delay Buffers
9179-06 Rev F 6/22/99
Pin Configuration
The ICS9179-06 generates low skew clock buffers required
for high speed RISC or CISC microprocessor systems such as
Intel PentiumPro. An output enable is provided for testability.
The device is a buffer with low output to output skew. This is
a zero delay buffer device, using an internal PLL. This buffer
can be used for phase synchronization to a master clock. With
the wide PLL loop BW, this buffer is compatible to Spread
Spectrum input clocks from clock generator products such as
the ICS9148-27.
The individual clock outputs are addressable through I2C to be
enabled, or stopped in a low state for reduced EMI when the
lines are not needed. The device defaults to zero-delay mode,
but can be programmed with I2C for selectable delays -2.7,
+2.0, -0.7 ns (nominal target values).
• Zero delay buffer, 16 outputs
• Supports up to four SDRAM DIMMS
• Wide PLL loop bandwidth makes this part ideal in
Spread Spectrum applications.
• Skew Input to FB_IN ±250ps default, with selectable
skew -2.7, +2.0, -0.7ns nominal.
• Synchronous clocks skew matched to 250ps window on
output.
• 33 to 133MHz input or output frequency.
• I2C Serial Configuration interface to allow individual
clocks to be stopped, or selectable delays.
• Multiple VDD, VSS pins for noise reduction
• Slew rate 1.5V/ns into 30pF.
• VDD=3.3±5%,0to70°C
• All outputs (0:15) tristate with OE low
(FB_OUT stays running).
• 48-PinSSOPpackage
48-Pin SSOP
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.
Functionality
#
E
O
T
U
P
T
U
O
)
5
1
:
0
(
T
U
O
_
B
F
0Z
-
i
HT
U
P
N
I
X
1
1T
U
P
N
I
X
1T
U
P
N
I
X
1


Similar Part No. - ICS9179F-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9179-03 ICST-ICS9179-03 Datasheet
298Kb / 10P
Low Skew Fan Out Buffers
Rev H 10/16/00
logo
Renesas Technology Corp
ICS9179-03 RENESAS-ICS9179-03 Datasheet
598Kb / 12P
Low Skew Fan Out Buffers
2019
logo
Integrated Circuit Syst...
ICS9179-12 ICST-ICS9179-12 Datasheet
277Kb / 9P
3 DIMM Buffer
Rev C 7/16/99
logo
Renesas Technology Corp
ICS9179-12 RENESAS-ICS9179-12 Datasheet
235Kb / 10P
3 DIMM Buffer
2019
logo
Integrated Circuit Syst...
ICS9179B-01 ICST-ICS9179B-01 Datasheet
559Kb / 9P
Low Skew Buffers
Rev C 05/18/98
More results

Similar Description - ICS9179F-06

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
Zero-Delay Clock Buffer
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
3.3V Zero-Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
3.3V ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY2305C CYPRESS-CY2305C Datasheet
152Kb / 3P
Zero Delay Buffers
logo
Potato Semiconductor Co...
PO74G34A POTATO-PO74G34A Datasheet
474Kb / 6P
HEX BUFFERS/ DELAY ELEMENTS
PO74G34A POTATO-PO74G34A_14 Datasheet
1Mb / 5P
HEX BUFFERS/ DELAY ELEMENTS
logo
Pericom Semiconductor C...
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
Zero-Delay Clock Buffer
logo
Renesas Technology Corp
9DBL02X2 RENESAS-9DBL02X2 Datasheet
1Mb / 32P
2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers
November 30, 2022
9DBL02X3 RENESAS-9DBL02X3 Datasheet
1Mb / 32P
2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
December 9, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com