Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-65 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9248-65
Description  Frequency Timing Generator for PENDIUM II Systems
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-65 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9248-65 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
ICS9248-65
Pin Descriptions
Pin number Pin name
Type
Description
1,2
REF
Output
3.3V, 14.318 MHz reference clock output.
3, 9, 17, 24,
28, 34
VDD
Power
3.3 V power for clock outputs.
4
X1
Input
14.318 MHz crystal input
5
X2
Output
14.318 MHz crystal output
6,14, 20, 26,
33, 45, 48
GND
Power
Ground for clock outputs
7
PCICLK_F
Output
3.3 V free running PCI clock output, will not be stopped by the PCI_STOP#
8,10,11,12,13,
15,16,18,19
PCICLK (1:9)
Output
3.3 V PCI clock outputs, generating timing requirements for
21,22,23
3V66
Output
3.3 V 66 MHz clock output, fixed frequency clock typically used with AGP
25
SEL
133/100#
Input
Control for the frequency of clocks at the CPU output pins. If logic "0" is used the
100 MHz frequency is selected. If Logic "1" is used, the 133 MHz frequency is
selected. The PCI clock is multiplexed to run at 33.3 MHz for both selected cases.
27
48 MHz
Output
3.3 V 48 MHz clock output, fixed frequency clock typically used with USB
devices
29,30
SEL (0:1)
Input
Frequency select pin , logic input.
31
SPREAD#
Output
Power-on spread spectrum enable option. Active low = spread spectrum clocking
enable. Active high = spread spectrum clocking disable.
32
PD#
Input
Asynchronous active low input pin used to power down the device into a low
power state. The internal clocks are disabled and the VCO and the crystal are
stopped.
35,39
GNDLCPU
Power
Ground for the CPU and Host clock outputs
36,37,40
CPUCLK
(0:2)
0utput
2.5 V CPU and Host clock outputs
38,41
VDDLCPU
Power
2.5 V power for the CPU and Host clock outputs
42
GNDLCPU/2
Power
Ground for the CPU and Host clock outputs
43
CPU/2
Output
Output running at 1/2 CPU clock frequency.Synchronous to the CPU outputs.
44
VDDLCPU/2
Power
2.5 V power for the CPU/2 clock outputs
46
IOAPIC(0:1)
Output
2.5V fixed 16.6 MHz IOAPIC clock outputs
47
VDDIOAPIC
Power
2.5V power for IOAPIC clock
The ICS9248-65 is a main clock synthesizer chip for Pentium
II based systems using Rambus Interface DRAMs. This chip
provides all the clocks required for such a system when used
with a Direct Rambus Clock Generator(DRCG) chip such as
theICS9211-01.
Spread Spectrum may be enabled by driving the SPREAD#
pin active. Spread spectrum typically reduces system EMI by
8dB to 10dB. This simplifies EMI qualification without
resorting to board design iterations or costly shielding. The
ICS9248-65 employs a proprietary closed loop design, which
tightly controls the percentage of spreading over process
and temperature variations.
The CPU/2 clocks are inputs to the DRCG.
General Description
Power Groups:
VDDREF,GNDREF=REF,X1,X2
GNDPCI,VDDPCI=PCICLK
VDD66,GND66=3V66
VDD48,GND48=48MHz
VDDCOR,GNDCOR=PLLCore
VDDLCPU/2,GNDLCPU/2=CPU/2
VDDLIOAPIC,GNDIOAPIC=IOAPIC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com