Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-65 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9248-65
Description  Frequency Timing Generator for PENDIUM II Systems
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-65 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9248-65 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Integrated
Circuit
Systems, Inc.
ICS9248-65
Third party brands and names are the property of their respective owners.
Block Diagram
Frequency Timing Generator for PENTIUM II™Systems
9248-65 Rev C 7/28/99
Pin Configuration
48-pin SSOP
• Generates the following system clocks:
-3 CPUclocks(2.5V,100/133MHz)
- 10 PCI clocks, including 1 free-running
(3.3V, 33.3MHz)
-1CPU/2clocks(2.5V,50/66.6MHz)
-1IOAPICclocks(2.5V,16.67MHz)
- 3 Fixed frequency 66MHz clocks(3.3V, 66.6MHz)
- 2REFclocks(3.3V,14.318MHz)
- 1USBclock(3.3V,48MHz)
• Efficient power management through PD#.
• 0 to -0.5% typical down spread modulation on CPU, PCI,
IOAPIC, 3V66 and CPU/2 output clocks.
• Usesexternal14.318MHzcrystal.
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.
Features
Key Specification
•
CPU Output Jitter: <250ps
•
CPU/2 Output Jitter. <250ps
•
IOAPIC Output Jitter: <500ps
•
48MHz, 3V66, PCI Output Jitter: <500ps
•
PCI Output Jitter. <500ps
•
Ref Output Jitter. <1000ps
•
CPU 0:2 Output Skew: <175ps
•
PCI_F, PCI 1:7 Output Skew: <500ps
•
3V66_0:2 Output Skew <250ps
•
CPU to 3V66_0:2 Output Offset: 0.0 - 1.5ns (CPU leads)
•
3V66 to PCI Output Offset: 1.5 - 4ns (CPU leads)
•
CPU to IOAPIC Output Offset 1.5 - 4.0ns (CPU leads)


Similar Part No. - ICS9248-65

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
Frequency Timing Generator for Pentium II Systems
Rev B 1/8/99
logo
Renesas Technology Corp
ICS9248-61 RENESAS-ICS9248-61 Datasheet
421Kb / 10P
Frequency Timing Generator for Pentium II Systems
2019
logo
Integrated Circuit Syst...
ICS9248-64 ICST-ICS9248-64 Datasheet
142Kb / 15P
AMD-K7TM System Clock Chip
Rev C 03/19/01
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
Frequency Timing Generator for PENTIUM II Systems
More results

Similar Description - ICS9248-65

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-107 ICST-ICS9248-107 Datasheet
141Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
Frequency Timing Generator for Pentium II Systems
Rev B 1/8/99
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-73 ICST-ICS9248-73 Datasheet
356Kb / 15P
Frequency Timing Generator for Pentium II Systems
Rev B 2/10/00
ICS9248-78 ICST-ICS9248-78 Datasheet
604Kb / 13P
Frequency Timing Generator for Pentium II Systems
Rev A 7/21/99
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
Rev E 08/18/00
ICS9250-14 ICST-ICS9250-14 Datasheet
410Kb / 13P
Frequency Timing Generator for Pentium II Systems
Rev A 2/5/00
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
Frequency Timing Generator for Pentium II Systems
logo
Renesas Technology Corp
ICS9248-61 RENESAS-ICS9248-61 Datasheet
421Kb / 10P
Frequency Timing Generator for Pentium II Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com