Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-65 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9248-65
Description  Frequency Timing Generator for PENDIUM II Systems
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-65 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS9248-65 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
ICS9248-65
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70º C; Supply Voltage VDD = 3.3 V+/-5%, VDDL = 2.5 V+/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IDD2.5OP100
CL = 0 pF; Select @ 100 MHz
14
30
Operating
IDD2.5OP133
CL = 0 pF; Select @ 133.3 MHz
18
30
Supply Current
IDD2.5OP144
CL = 0 pF; Select @ 144 MHz
19
30
IDD2.5OP154
CL = 0 pF; Select @ 154 MHz
20
30
Power Down
IDD2.5PD
CL = 0 pF; PWRDWN# = 0
0.3
100
µA
Supply Current
Skew
1
tCPU-PCI
VT = 1.5 V; VTL = 1.25 V
1.5
2.4
4
ns
Skew
1
tCPU-3V66
VT = 1.5 V; VTL = 1.25 V
1.4
1.5
ns
Skew
1
tCPU-IOAPIC
VTL = 1.25 V
1.4
4
ns
1
Guaranteed by design, not 100% tested in production.
mA
Electrical Characteristics - CPUCLK
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH2B
IOH = -12.0 mA
2
2.3
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.31
0.4
V
Output High Current
IOH2B
VOH = 1.7 V
-39
-19
mA
Output Low Current
IOL2B
VOL = 0.7 V
19
27
mA
Rise Time
tr2B
1
VOL = 0.4 V, VOH = 2.0 V
0.95
1.6
ns
Fall Time
tf2B
1
VOH = 2.0 V, VOL = 0.4 V
1
1.6
ns
Duty Cycle
dt2B
1
VT = 1.25 V, Freq. < 124 MHz
45
50
55
%
Skew
tsk2B
1
VT = 1.25 V
22
175
ps
Jitter, One Sigma
tj1σ2B
1
VT = 1.25 V
21
150
ps
Jitter, Absolute
tjabs2B
1
VT = 1.25 V
-250
55
+250
ps
Jitter, Cycle-to-cycle
tjcyc-cyc2B
1
VT = 1.25 V
110
250
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com