Electronic Components Datasheet Search
  English  ▼

X  

AD5539 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5539
Description  Ultrahigh Frequency Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5539 Datasheet(HTML) 4 Page - Analog Devices

  AD5539 Datasheet HTML 1Page - Analog Devices AD5539 Datasheet HTML 2Page - Analog Devices AD5539 Datasheet HTML 3Page - Analog Devices AD5539 Datasheet HTML 4Page - Analog Devices AD5539 Datasheet HTML 5Page - Analog Devices AD5539 Datasheet HTML 6Page - Analog Devices AD5539 Datasheet HTML 7Page - Analog Devices AD5539 Datasheet HTML 8Page - Analog Devices AD5539 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD5539
REV. B
–4–
OFFSET NULL CONFlGURATION
METALIZATION PHOTOGRAPH
Dimensions shown in inches and (mm).
Contact factory for latest dimensions.
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±10 V
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . 550 mW
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . +2.5 V, –5.0 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . 0.25 V
Storage Temperature Range (Q) . . . . . . . . . –65
°C to +150°C
Storage Temperature Range (N) . . . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD5539JN . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD5539JQ . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD5539SQ . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature Range (Soldering 60 Seconds) . . . +300
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD5539 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com