Electronic Components Datasheet Search
  English  ▼

X  

AD5539 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5539
Description  Ultrahigh Frequency Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5539 Datasheet(HTML) 1 Page - Analog Devices

  AD5539 Datasheet HTML 1Page - Analog Devices AD5539 Datasheet HTML 2Page - Analog Devices AD5539 Datasheet HTML 3Page - Analog Devices AD5539 Datasheet HTML 4Page - Analog Devices AD5539 Datasheet HTML 5Page - Analog Devices AD5539 Datasheet HTML 6Page - Analog Devices AD5539 Datasheet HTML 7Page - Analog Devices AD5539 Datasheet HTML 8Page - Analog Devices AD5539 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Ultrahigh Frequency
Operational Amplifier
AD5539
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Improved Replacement for Signetics SE/NE5539
AC PERFORMANCE
Gain Bandwidth Product: 1.4 GHz typ
Unity Gain Bandwidth: 220 MHz typ
High Slew Rate: 600 V/ s typ
Full Power Response: 82 MHz typ
Open-Loop Gain: 47 dB min, 52 dB typ
DC PERFORMANCE
All Guaranteed DC Specifications Are 100% Tested
For Each Device Over Its Full Temperature
Range – For All Grades and Packages
VOS: 5 mV max Over Full Temperature Range
(AD5539S)
IB: 20
A max (AD5539J)
CMRR: 70 dB min, 85 dB typ
PSRR: 100
V/V typ
MIL-STD-883B Parts Available
CONNECTION DIAGRAM
Plastic DIP (N) Package
or Cerdip (Q) Package
PRODUCT HIGHLIGHTS
1. All guaranteed dc specifications are 100% tested.
2. The AD5539 drives 50
Ω and 75 Ω loads directly.
3. Input voltage noise is less than 4 nV
√Hz.
4. Low cost RF and video speed performance.
5.
±2 volt output range into a 150 Ω load.
6. Low cost.
7. Chips available.
PRODUCT DESCRIPTION
The AD5539 is an ultrahigh frequency operational amplifier de-
signed specifically for use in video circuits and RF amplifiers.
Requiring no external compensation for gains greater than 5, it
may be operated at lower gains with the addition of external
compensation.
As a superior replacement for the Signetics NE/SE5539, each
AD5539 is 100% dc tested to meet all of its guaranteed dc
specifications over the full temperature range of the device.
The high slew rate and wide bandwidth of the AD5539 provide
low cost solutions to many otherwise complex and expensive
high frequency circuit design problems.
The AD5539 is available specified to operate over either the
commercial (AD5539JN/JQ) or military (AD5539SQ) tempera-
ture range. The commercial grade is available either in 14-pin
plastic or cerdip packages. The military version is supplied in
the cerdip package. Chip versions are also available.
OBSOLETE


Similar Part No. - AD5539

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5539 AD-AD5539 Datasheet
475Kb / 16P
Ultrahigh Frequency Operational Amplifier
REV. B
AD5539J AD-AD5539J Datasheet
475Kb / 16P
Ultrahigh Frequency Operational Amplifier
REV. B
AD5539JN AD-AD5539JN Datasheet
475Kb / 16P
Ultrahigh Frequency Operational Amplifier
REV. B
AD5539JQ AD-AD5539JQ Datasheet
475Kb / 16P
Ultrahigh Frequency Operational Amplifier
REV. B
AD5539S AD-AD5539S Datasheet
475Kb / 16P
Ultrahigh Frequency Operational Amplifier
REV. B
More results

Similar Description - AD5539

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
230Kb / 14P
High frequency operational amplifier
2002 Jan 25
NE5539 PHILIPS-NE5539 Datasheet
207Kb / 8P
High frequency operational amplifier
2002 Jan 25
logo
Analog Devices
AD5539 AD-AD5539 Datasheet
475Kb / 16P
Ultrahigh Frequency Operational Amplifier
REV. B
logo
Linear Technology
LT1190 LINER-LT1190_01 Datasheet
257Kb / 12P
Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_01 Datasheet
252Kb / 12P
Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_01 Datasheet
249Kb / 12P
Ultrahigh Speed Operational Amplifier
LT1190 LINER-LT1190_15 Datasheet
266Kb / 12P
Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_15 Datasheet
261Kb / 12P
Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_15 Datasheet
258Kb / 12P
Ultrahigh Speed Operational Amplifier
logo
Fairchild Semiconductor
UA741 FAIRCHILD-UA741 Datasheet
1Mb / 9P
Frequency-Compensated Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com