Electronic Components Datasheet Search
  English  ▼

X  

AD5539 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5539
Description  Ultrahigh Frequency Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5539 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5539 Datasheet HTML 7Page - Analog Devices AD5539 Datasheet HTML 8Page - Analog Devices AD5539 Datasheet HTML 9Page - Analog Devices AD5539 Datasheet HTML 10Page - Analog Devices AD5539 Datasheet HTML 11Page - Analog Devices AD5539 Datasheet HTML 12Page - Analog Devices AD5539 Datasheet HTML 13Page - Analog Devices AD5539 Datasheet HTML 14Page - Analog Devices AD5539 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD5539
–11–
REV. B
value of RLAG, the higher the noise gain). For example, with a
220
Ω R
LAG and a 50
Ω source resistance, the noise gain will be
12.8, because the source resistance affects the noise gain.
Figures 31 and 32 show the small and large signal responses of
the circuit of Figure 29.
Figure 31. The Small-Signal Pulse Response of the Gain
of 3 Follower Circuit with RLAG and CLEAD Compensation to
Pin 12; Vertical Scale: 50 mV/div; Horizontal Scale:
5 ns/div
Figure 32. The Large-Signal Pulse Response of the Gain
of 3 Follower Circuit with RLAG and CLEAD Compensation to
Pin 12; Vertical Scale: 200 mV/div; Horizontal Scale:
5 ns/div
A Video Amplifier Circuit with 20 dB Gain (Terminated)
High gain applications (14 dB and up) require only a small lead
capacitance to obtain flat response. The 26 dB (20 dB termi-
nated) video amplifier circuit of Figure 33 has the response
shown in Figure 34 using only approximately 0.5-1 pF lead ca-
pacitance. Again, a small CLEAD can be connected, either to the
output or to Pin 12 with very little difference in response.
Figure 33. A 20 dB Gain Video Amplifier for 75
Ω Systems
Figure 34. Response of the 20 dB Video Amplifier
In color video applications, the quality of differential gain and
differential phase response is very important. Figures 35 and 36
show a circuit and test setup to measure the AD5539’s response
to a modulated ramp signal (0-90 IRE p-p ramp, 40 IRE p-p
modulation, 4.4 MHz).
Figures 37 and 38 show the differential gain and phase response.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com