Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-73 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS9248-73
Description  Frequency Timing Generator for Pentium II Systems
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-73 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS9248-73 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 12Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 13Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 14Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
ICS9248-73
Power Down Waveform
Note
1. After PD# is sampled active (Low) for 2 consective rising edges of CPUCLKs, all
the output clocks are driven Low on their next High to Low tranistiion.
2. Power-up latency <3ms.
3. Waveform shown for 100MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com