Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-73 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS9248-73
Description  Frequency Timing Generator for Pentium II Systems
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-73 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS9248-73 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 12Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 13Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
ICS9248-73
Electrical Characteristics - PCICLK
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 60 pF for PCI0 & PCI1, CL = 30 pF for other PCIs
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH1
IOH = -11 mA; Pci0 & Pci1
2.4
3.2
V
Output High Voltage
VOH1
IOH = -11 mA
2.4
3.1
V
Output Low Voltage
VOL1
IOL = 9.4 mA; Pci0 & Pci1
0.12
0.4
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.2
0.4
V
Output High Current
IOH1
VOH = 2.0 V; Pci0 & Pci1
-110
-22
mA
Output High Current
IOH1
VOH = 2.0 V
-55
-22
mA
Output Low Current
IOL1
VOL = 0.8 V; Pci0 & Pci1
25
82
mA
Output Low Current
IOL1
VOL = 0.8 V
25
42
mA
tr1
VOL = 0.4 V, VOH = 2.4 V; PCI0:1, CL=60pF
0.5
1.5
2.3
ns
VOL = 0.4 V, VOH = 2.4 V; PCI2:7
0.5
1.7
2.3
ns
tf1
VOH = 2.4 V, VOL = 0.4 V; PCI0:1, CL=60pF
0.5
1.4
2
ns
VOH = 2.4 V, VOL = 0.4 V; PCI2:7
0.5
1.7
2
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
50
55
%
tsk1
VT = 1.5 V; CL=60pF for Pci0 & PCI1
545
ps
VT = 1.5 V; CL=50pF for Pci0 & PCI1
360
500
ps
VT = 1.5 V; CL=40pF for Pci0 & PCI1
455
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc1
VT = 1.5 V
130
500
ps
1
Guaranteed by design, not 100% tested in production.
Skew
1
Fall Time
1
Rise Time
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com