Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-73 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS9248-73
Description  Frequency Timing Generator for Pentium II Systems
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-73 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS9248-73 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
ICS9248-73
Electrical Characteristics - CPUCLK
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH2B
IOH = -12.0 mA
2
2.36
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.33
0.4
V
Output High Current
IOH2B
VOH = 1.7 V
-34
-19
mA
Output Low Current
IOL2B
VOL = 0.7 V
19
25
mA
Rise Time
tr2B
1
VOL = 0.4 V, VOH = 2.0 V
0.4
1.5
2
ns
Fall Time
tf2B
1
VOH = 2.0 V, VOL = 0.4 V
0.4
1.4
1.8
ns
dt2B
1
VT = 1.25 V; Freq>= 140MHz
40
48
50
%
VT = 1.25 V; Freq< 140MHz
43
48
53
%
Skew
tsk2B
1
VT = 1.25 V
50
175
ps
tjcyc-cyc2B
1
VT = 1.25 V; CPU @ 66.8 MHz
500
VT = 1.25 V; CPU @ 100.23 MHz
130
1Guaranteed by design, not 100% tested in production.
250
Duty Cycle
Jitter, Cycle-to-cycle
ps
Electrical Characteristics - 3V66
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL =30 pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH1
IOH = -11 mA
2.4
3.1
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.18
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-55
-22
mA
Output Low Current
IOL1
VOL = 0.8 V
25
43
mA
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.55
2
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.4
2
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
48
55
%
Skew
1
tsk1
VT = 1.5 V
50
175
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc1
VT = 1.5 V; 3V66 Freq > 75MHz
100
500
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc1
VT = 1.5 V; 3V66 Freq < 75MHz
350
500
ps
1
Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com