Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-73 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9248-73
Description  Frequency Timing Generator for Pentium II Systems
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-73 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9248-73 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 12Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 13Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 14Page - Integrated Circuit Systems ICS9248-73 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
ICS9248-73
Group Offset Waveforms
Group Skews at common Transition Edges
TA = 0 - 70º C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated)
CL = 20 pF for CPU and IOAPIC
CL = 50 pF for PCI0 & PCI1, CL = 30 pF for other PCIs, SDRAM and 3V66
GROUP
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CPU to SDRAM
tCPU-SDRAM VT = 1.5 V; VTL = 1.25 V
SDRAM leads CPU by 2.5ns for CPU66
0
100
500
ps
CPU leads SDRAM by 5.0ns for CPU100
CPU to 3V66
tCPU-3V66
VT = 1.5 V; VTL = 1.25 V
CPU leads 3V66 by 7.5ns for CPU66
0
100
500
ps
CPU leads 3V66 by 0.0ns for CPU100
IOAPIC to PCI
tIOAPIC-PCI
VT = 1.5 V; VTL = 1.25 V
0
360
500
ps
3V66 to PCI
t3V66-PCI
VT = 1.5 V
1.5
2.5
4
ns
Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com