Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-12 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS9250-12
Description  Frequency Timing Generator for PENTIUM II/III Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-12 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS9250-12 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
ICS9250-12
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.
L
O
B
M
Y
SS
N
O
I
S
N
E
M
I
D
N
O
M
M
O
CS
N
O
I
T
A
I
R
A
VD
N
.
N
I
M.
M
O
N.
X
A
M.
N
I
M.
M
O
N.
X
A
M
A5
9
0
.2
0
1
.0
1
1
.D
A0
2
7
.5
2
7
.0
3
7
.6
5
1
A8
0
0
.2
1
0
.6
1
0
.
2
A7
8
0
.0
9
0
.4
9
0
.
B8
0
0
.-
5
3
1
0
.
c5
0
0
.-
0
1
0
.
Ds
n
o
i
t
a
i
r
a
V
e
e
S
E1
9
2
.5
9
2
.9
9
2
.
eC
S
B
5
2
0
.
0
H5
9
3
.-
0
2
4
.
h0
1
0
.3
1
0
.6
1
0
.
L0
2
0
.-
0
4
0
.
Ns
n
o
i
t
a
i
r
a
V
e
e
S
∝
°
0-
°
8
56 Pin 300 mil SSOP Package
“For current dimensional specifications, see JEDEC 95.”
.093
DIA. PIN (Optional)
D/2
E/2
BOTTOM VIEW
A
2
SEE
DETAIL “A”
-E-
c
END VIEW
H
Pin 1
TOP VIEW
Index
Area
PARTING LINE
L
DETAIL “A”
A
1
-e-
B
A
SIDE VIEW
-C-
-D-
SEATING
PLANE
.004 C
Ordering Information
ICS9250yF-12-T
Designation for tape and reel packaging
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Package Type
F=SSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV = Standard Device
Example:
ICS XXXX y F - PPP - T
Dimensions in inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com