Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-12 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9250-12
Description  Frequency Timing Generator for PENTIUM II/III Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-12 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9250-12 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
ICS9250-12
General Layout Precautions:
1) Use a ground plane on the top layer of the
PCB in all areas not used by traces.
2) Make all power traces and vias as wide as
possible to lower inductance.
Notes:
1) All clock outputs should have series
terminating resistor. Not shown in all
places to improve readibility of diagram.
2) 47 ohm / 56pf RC termination should be
used on all over 50MHz outputs.
3) Optional crystal load capacitors are
recommended.
ConnectionstoVDD:
CapacitorValues:
C1, C2 : Crystal load values determined by user
C3 : 100pF ceramic
All unmarked capacitors are 0.01µF ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com