Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-12 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9250-12
Description  Frequency Timing Generator for PENTIUM II/III Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-12 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9250-12 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ICS9250-12
Pin Descriptions
Pin number
Pin name
Type
Description
1
GNDREF
PWR
Gnd pin for REF clocks
2, 3
REF(0:1)
OUT
14.318MHz reference clock outputs at 3.3V
4
VDDREF
PWR
Power pin for REF clocks
5
X1
IN
XTAL_IN 14.318MHz crystal input
6
X2
OUT
XTAL_OUT Crystal output
7, 13, 19
GNDPCI
PWR
Gnd pin for PCICLKs
8
PCICLK_F
OUT
Free running PCI clock at 3.3V. Synchronous to CPU clocks. Not affected
by the PCI_STOP# input.
9, 11, 12, 14, 15,
17, 18
PCICLK[1:7]
OUT
PCI clock outputs at 3.3V. Synchronous to CPU clocks.
10, 16
VDDPCI
PWR
3.3Volts power pin for PCICLKs
20, 24
GND66
PWR
Gnd pin for 3V66 outputs
21, 22, 25, 26
3V66[0:3]
OUT
66MHz outputs at 3.3V. These outputs are stopped when CPU_STOP# is
driven active..
23, 27
VDD66
PWR
power pin for the 3V66 clocks.
28
SEL 133/100#
IN
This selects the frequency for the CPU and CPU/2 outputs. High =
133MHz, Low=100MHz
29
GND48
PWR
Ground pin for the 48MHz output
30
48MHz
OUT
Fixed 48MHz clock output. 3.3V
31
VDD48
PWR
Power pin for the 48MHz output.
32, 33
SEL[0:1]
IN
Function select pins. See truth table for details.
34
SPREAD#
IN
Enables spread spectrum when active(Low). modulates all the CPU, PCI,
IOAPIC, 3V66 and CPU/2 clocks. Does not affect the REF and 48MHz
clocks. 0.5% down spread modulation.
35
PD#
IN
This asynchronous input powers down the chip when drive active(Low).
The internal PLLs are disabled and all the output clocks are held at a Low
state.
36
CPU_STOP#
IN
This asychronous input halts the CPUCLK[0:3] and the 3V66[0:3] clocks at
logic "0" when driven active(Low). Does not affect the CPU/2 clocks.
37
PCI_STOP#
IN
This asynchronous input halts the PCICLK[1:7] at logic"0" when driven
active(Low). PCICLK_F is not affected by this input.
38
GNDCOR
PWR
Ground pin for the PLL core
39
VDDCOR
PWR
Power pin for the PLL core. 3.3V
43, 47
VDDLCPU
PWR
Power pin for the CPUCLKs. 2.5V
40, 44
GNDLCPU
PWR
Ground pin for the CPUCLKs
41, 42, 45, 46
CPUCLK[0:3]
OUT
Host bus clock output at 2.5V. 133MHz or 100MHz depending on the state
of the SEL 133/100MHz.
48
GNDLCPU/2
PWR
Ground pin for the CPU/2 clocks.
49, 50
CPU/2[0:1]
OUT
2.5V clock outputs at 1/2 CPU frequency. 66MHz or50MHz depending on
the state of the SEL 133/100# input pin.
51
VDDLCPU/2
PWR
Power pin for the CPU/2 clocks. 2.5V
52
GNDLIOAPIC
PWR
Ground pin for the IOAPIC outputs.
53, 54, 55
IOAPIC[0:2]
OUT
IOAPIC clocks at 2.5V. Synchronous with CPUCLKs but fixed at
16.67MHz.
56
VDDLIOAPIC
PWR
Power pin for the IOAPIC outputs. 2.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com