Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-12 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9250-12
Description  Frequency Timing Generator for PENTIUM II/III Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-12 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9250-12 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
ICS9250-12
Frequency Select:
Note:
1. TCLK is a test clock driven on the x1 input during test mode.
#
P
O
T
S
_
U
P
C#
D
P#
P
O
T
S
_
I
C
PK
L
C
U
P
C2
/
U
P
CC
I
P
A
O
I6
6
V
3I
C
PF
_
I
C
P
.
F
E
R
z
H
M
8
4
c
s
Os
O
C
V
X0
X
W
O
LW
O
LW
O
LW
O
LW
O
LW
O
LW
O
LF
F
OF
F
O
01
0
W
O
LN
ON
OW
O
LW
O
LN
ON
ON
ON
O
01
1
W
O
LN
ON
OW
O
LN
ON
ON
ON
ON
O
11
0
N
ON
ON
ON
OW
O
LN
ON
ON
ON
O
11
1
N
ON
ON
ON
ON
ON
ON
ON
ON
O
ICS9250-12 Power Management Features:
Note:
1. LOW means outputs held static LOW as per latency requirement next page.
2. On means active.
3. PD# pulled Low, impacts all outputs including REF and 48 MHz outputs.
4.All 3V66 as well as all CPLU clocks should stop cleanly when CPU_STOP# is pulled LOW.
5. CPU/2, IOAPIC, REF, 48 MHz signals are not controlled by the CPU_STOP# functionality and are enabled all in all conditions
except PD# = LOW
Power Groups:
VDDREF,GNDREF=REF,X1,X2
GNDPCI,VDDPCI=PCICLK
VDD66,GND66=3V66
VDD48,GND48=48MHz
VDDCOR,GNDCOR=PLLCore
VDDLCPU/2,GNDLCPU/2=CPU/2
VDDLIOAPIC,GNDIOAPIC=IOAPIC
L
E
S
-
0
0
1
/
3
3
1
#
1
L
E
S0
L
E
S
U
P
C
z
H
M
2
/
U
P
C
z
H
M
6
6
V
3
z
H
M
I
C
P
z
H
M
8
4
z
H
M
F
E
R
z
H
M
C
I
P
A
O
I
z
H
M
s
t
n
e
m
m
o
C
00
0
Z
-
i
HZ
-
i
HZ
-
i
HZ
-
i
HZ
-
i
HZ
-
i
HZ
-
i
He
t
a
t
s
-
i
r
T
00
1
A
/
NA
/
NA
/
NA
/
NA
/
NA
/
NA
/
Nd
e
v
r
e
s
e
R
01
0
0
0
10
56
63
3Z
-
i
H8
1
3
.
4
17
6
.
6
1
L
L
P
z
H
M
8
4
d
e
l
b
a
s
i
d
01
1
0
0
10
56
63
38
48
1
3
.
4
17
6
.
6
1
10
0
2
/
K
L
C
T4
/
K
L
C
T4
/
K
L
C
T8
/
K
L
C
T
-
/
K
L
C
T
2
K
L
C
T6
1
/
K
L
C
T)
1
(
e
d
o
m
t
s
e
T
10
1
A
/
NA
/
NA
/
NA
/
NA
/
NA
/
NA
/
Nd
e
v
r
e
s
e
R
11
0
3
3
16
66
63
3Z
-
i
H8
1
3
.
4
17
6
.
6
1
11
1
3
3
16
66
63
38
48
1
3
.
4
17
6
.
6
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com