Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-19 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS9250-19
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-19 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS9250-19 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 12Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 13Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 14Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
ICS9250-19
Third party brands and names are the property of their respective owners.
Electrical Characteristics - SDRAM
T
A = 0 - 70 º C; VDD = 3.3 V +/-5 % , VDDL = 2.5 V +/-5 % ; C L =30 pF
PA RA M ETER
SYM BOL
CONDITIONS
MIN
TYP
MA X UNITS
Output High Voltage
VOH1
IOH = -28 mA
2.4
2.8
V
Output Low Voltage
VOL1
IOL = 19 mA
0.34
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-72
-42
mA
Output Low Current
IOL1
VOL = 0.8 V
33
50
mA
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
2
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 04 V
0.5
2.4
ns
Duty Cycle
1
dt1
VT = 1.5 V
455055
%
Skew(Group1: F,0:4, 8:11)
1
tsk1
VT = 1.5 V
130
250
ps
Skew(Group2: 5, 7, 12:15)
1
tsk1
VT = 1.5 V
180
250
ps
Skew(Group3: 0, 13)
1
tsk1
VT = 1.5 V
490
ps
Skew(Group4: 6, 13)
1
tsk1
VT = 1.5 V
910
ps
Skew(Buferin-Output)
1
tsk1
VT = 1.5 V
3.5
4.4
ns
Jitter, One Sigma
1
tj1σ1
VT = 1.5 V
50
150
ps
Jitter, A bs olute
1
tjabs1
VT = 1.5 V
-250
130
250
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - PCICLK
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 60 pF for PCI0 & PCI1, CL = 30 pF for other PCIs
PA RA METER
SYM BOL
CONDITIONS
M IN
TYP
M A X UNITS
Output High Voltage
VOH1
IOH = -18 mA
2.4
2.9
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.2
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-58
-22
mA
Output Low Current
IOL1
VOL = 0.8 V
25
52
mA
Rise Time
1
tr1
VOL = 0.8 V, VOH = 2.4 V
1.5
2.5
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
1.4
2.5
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
50
55
%
Skew
1
tsk1
VT = 1.5 V
270
500
ps
Jitter, One Sigma
1
tj1σ1
VT = 1.5 V
50
150
ps
Jitter, A bsolute
1
tjabs1
VT = 1.5 V
200
500
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com