Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-19 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS9250-19
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-19 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS9250-19 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 12Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 13Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
ICS9250-19
Third party brands and names are the property of their respective owners.
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . . 0°C to +70°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 115°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70º C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
V
IH
2V
DD+0.3
V
Input Low Voltage
V
IL
V
SS-0.3
0.8
V
Input High Current
I
IH
V
IN = VDD
0.1
5
µA
Input Low Current
I
IL1
V
IN = 0 V; Inputs with no pull-up resistors
-5
2.0
µA
Input Low Current
I
IL2
V
IN = 0 V; Inputs with pull-up resistors
-200
-100
µA
Operating
I
DD3.3OP100
Select @ 100MHz; Sdram running
150
180
Supply Current
I
DD3.3OP133
Select @ 133MHz; Sdram running
200
n/a
Input frequency
F
i
V
DD = 3.3 V
12
14.318
16
MHz
Input Capacitance
1
C
IN
Logic Inputs
5
pF
C
INX
X1 & X2 pins
27
36
45
pF
Transition Time
1
T
Trans
To 1st crossing of target Freq.
4
ms
Settling Time
1
T
S
From 1st crossing to 1% target Freq.
1
3
ms
Clk Stabilization
1
T
Stab
From V
DD = 3.3 V to 1% target Freq.
4ms
1Guaranteed by design, not 100% tested in production.
mA
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70º C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating
IDD2.5OP100 Select @ 100MHz; Max discrete cap loads
13
25
Supply Current
IDD2.5OP133 Select @ 133MHz; Max discrete cap loads
18
25
1Guaranteed by design, not 100% tested in production.
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com