Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-19 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9250-19
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-19 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9250-19 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 12Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 13Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 14Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
ICS9250-19
Third party brands and names are the property of their respective owners.
Electrical Characteristics - CPUCLK
T
A = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
V
OH2B
I
OH = -12.0 mA
2
2.3
V
Output Low Voltage
V
OL2B
I
OL = 12 mA
0.2
0.4
V
Output High Current
I
OH2B
V
OH = 1.7 V
-41
-19
mA
Output Low Current
I
OL2B
V
OL = 0.7 V
19
37
mA
Rise Time
t
r2B
1
V
OL = 0.4 V, VOH = 2.0 V
0.4
1.6
ns
Fall Time
t
f2B
1
V
OH = 2.0 V, VOL = 0.4 V
0.4
1
1.6
ns
Duty Cycle
d
t2B
1
V
T = 1.25 V
45
51
55
%
Skew group1: 1,2 and 1,F
t
sk2B
1
V
T = 1.25 V
120
175
ps
Skew group2: 2, F
t
sk2B
1
V
T = 1.25 V
295
ps
Jitter, One Sigma
t
j1
σ2B
1
V
T = 1.25 V
120
250
ps
Jitter, Absolute
t
jabs2B
1
V
T = 1.25 V
-250
100
+250
ps
Jitter, Cycle-to-cycle
t
jcyc-cyc2B
1
V
T = 1.25 V
150
250
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - 48MHz, 24MHz,REF0
T
A = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH5
IOH = -14 mA
2.4
2.9
V
Output Low Voltage
VOL5
IOL = 6.0 mA
0.25
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-42
-20
mA
Output Low Current
IOL5
VOL = 0.8 V
10
18
mA
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
1.1
2.5
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
1
2.5
ns
Duty Cycle
1
dt5
VT = 1.5 V
45
50
55
%
Jitter
1
t
j1s5
V
T = 1.5 V, 24, 48MHz
100
250
ps
Jitter
1
t
jabs5
V
T = 1.5 V, REF0
250
800
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com