Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-19 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS9250-19
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-19 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS9250-19 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 12Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 13Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 14Page - Integrated Circuit Systems ICS9250-19 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
ICS9250-19
Third party brands and names are the property of their respective owners.
General Layout Precautions:
1) Use a ground plane on the top layer
of the PCB in all areas not used by
traces.
2) Make all power traces and ground
traces as wide as the via pad for lower
inductance.
Notes:
1) All clock outputs should have a
series terminating resistor, and a 20pF
capacitor to ground between the
resistor and clock pin. Not shown in
all places to improve readibility of
diagram.
2) Optional crystal load capacitors are
recommended. They should be
included in the layout but not
inserted unless needed.
Component Values:
C1 : Crystal load values determined by user
C2 : 22F/20V/D case/Tantalum
AVX TAJD226M020R
C3 : 100pF ceramic capacitor
C4 : 20pF capacitor
FB = Fair-Rite products 2512066017X1
All unmarked capacitors are 0.01F ceramic
Connections to VDD:
= Routed Power
= Ground Connection (component side copper)
= Ground Plane Connection
= Power Route Connection
= Solder Pads
= Clock Load
Ferrite
Bead
VDD
C2
22µF/20V
Tantalum
Ferrite
Bead
VDD
C2
22µF/20V
Tantalum
C3
C3
1
Clock Load
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
2
C1
C1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
2.5V Power Route
3.3V Power Route
3.3V Power Route
Ground
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com