Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-23 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS9250-23
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-23 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS9250-23 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 12Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 13Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 14Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
ICS9250-23
Third party brands and names are the property of their respective owners.
Electrical Characteristics - 24M Hz
T
A = 0 - 70 º C; VDD = 3.3 V +/ -5 %, VDDL = 2.5 V +/-5 % ; C L = 20 pF (unl e
PA RA METER
SYM BOL
CONDITIONS
Output High Voltage
VOH5
IOH = -1 mA
Output Low Voltage
VOL5
IOL = 1 mA
VOH@MIN = 1 V
V
OH@MAX = 3.135V
VOL
@MIN = 1.95 V
V
OL@MAX =0 .4 V
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
Duty Cycle
1
dt5
VT = 1.5 V
Jitter
1
,Cycle-to-Cycle
tjcyc-cyc5
VT = 1.5 V, 24M Hz
1Guaranteed by design, not 100% tested in production.
Output High Current
IOH5
Output Low Current
IOL5
Electrical Characteristics - 48MHz, REF
T
A = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless
PARAMETER
SYMBOL
CONDITIONS
Output High Voltage
VOH5
IOH = -1 mA
Output Low Voltage
VOL5
IOL = 1 mA
VOH@MIN = 1 V
V
OH@MAX = 3.135V
VOL
@MIN = 1.95 V
V
OL@MAX =0.4V
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
Duty Cycle
1
dt5
VT = 1.5 V
Jitter
1
, Cycle-to-Cycle
tjcyc-cyc5
V
T = 1.5 V, 24MHz
Jitter
1
, Cycle-to-Cycle
tjcyc-cyc5
V
T = 1.5 V, 48MHz
Jitter
1
, Cycle-to-Cycle
tjcyc-cyc5
V
T = 1.5 V, REF
1Guaranteed by design, not 100% tested in production.
Output High Current
Output Low Current
IOH5
IOL5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com