Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-23 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9250-23
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-23 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9250-23 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Integrated
Circuit
Systems, Inc.
ICS9250-23
Third party brands and names are the property of their respective owners.
Block Diagram
9250-23 Rev A 4/3/01
Pin Configuration
Recommended Application:
810/810E type chipset
Output Features:
•
2 - CPUs @ 2.5V, up to 166MHz.
•
13 - SDRAM @ 3.3V, up to 166MHz.
•
2 - 3V66 @ 3.3V, 2x PCI MHz.
•
8 - PCI @3.3V.
•
1 - 48MHz, @3.3V fixed.
•
1 - 24MHz @ 3.3V
•
2 - REF @3.3V, 14.318MHz.
Features:
•
Up to 166MHz frequency support
•
Support power management through PD#.
•
Spread spectrum for EMI control (± 0.25%)
center spread.
•
Uses external 14.318MHz crystal
•
FS pins for frequency select
Key Specifications:
•
CPU Output Jitter: <250ps
•
IOAPIC Output Jitter: <500ps
•
48MHz, 3V66, PCI Output Jitter: <500ps
•
Ref Output Jitter. <1000ps
•
CPU Output Skew: <175ps
•
PCI Output Skew: <500ps
•
3V66 Output Skew <175ps
•
For group skew timing, please refer to the
Group Timing Relationship Table.
Frequency Generator & Integrated Buffers for Celeron & PII/III™
56-Pin 300 mil SSOP
1. These pins will have 2X drive strength.
* 120K ohm pull-up to VDD on indicated inputs.
Power Groups
GNDREF, VDDREF = REF, Crystal
GND3V66, VDD3V66 = 3V66
GNDPCI, VDDPCI = PCICLKs
GNDCOR, VDDCOR = PLLCORE
GND48, VDD48 = 48
GNDSDR, VDDSDR = SDRAM
GNDLCPU, VDDLCPU = CPUCLK
GNDLPCI, VDDLAPIC = IOAPIC
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9250-23

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9250-23 RENESAS-ICS9250-23 Datasheet
369Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
More results

Similar Description - ICS9250-23

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 7/17/00
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 10/27/00
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 11/6/00
ICS9248-99 ICST-ICS9248-99 Datasheet
451Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 8/27/99
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 10/8/99
ICS9250-19 ICST-ICS9250-19 Datasheet
562Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev C 4/12/01
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com