Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-23 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS9250-23
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-23 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS9250-23 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 12Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
ICS9250-23
Third party brands and names are the property of their respective owners.
Absolute Maximum Ratings
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Group Timing Relationship Table
Core Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . 4.6 V
I/O Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 3.6V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 115°C
p
u
o
r
G
z
H
M
6
6
U
P
Cz
H
M
0
0
1
U
P
Cz
H
M
3
3
1
U
P
C
t
e
s
f
f
Oe
c
n
a
r
e
l
o
Tt
e
s
f
f
Oe
c
n
a
r
e
l
o
Tt
e
s
f
f
Oe
c
n
a
r
e
l
o
T
M
A
R
D
S
o
t
U
P
Cs
n
5
.
2s
p
0
0
5s
n
0
.
5s
p
0
0
5s
n
0
.
0s
p
0
0
5
6
6
V
3
o
t
U
P
Cs
n
5
.
7s
p
0
0
5s
n
0
.
5s
p
0
0
5s
n
0
.
0s
p
0
0
5
6
6
V
3
o
t
M
A
R
D
Ss
n
0
.
0s
p
0
0
5s
n
0
.
0s
p
0
0
5s
n
0
.
0s
p
0
0
5
I
C
P
o
t
6
6
V
3s
n
5
.
3
-
5
.
1s
p
0
0
5s
n
5
.
3
-
5
.
1s
p
0
0
5s
n
5
.
3
-
5
.
1s
p
0
0
5
T
O
D
&
B
S
Uh
c
n
y
s
AA
/
Nh
c
n
y
s
AA
/
Nh
c
n
y
s
AA
/
N
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70º C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
V
IH
2V
DD+0.3
V
Input Low Voltage
V
IL
V
SS-0.3
0.8
V
Input High Current
I
IH
V
IN = VDD
-5
5
µA
Input Low Current
I
IL1
V
IN = 0 V; Inputs with no pull-up resistors
-5
µA
Input Low Current
I
IL2
V
IN = 0 V; Inputs with pull-up resistors
-200
µA
Operating
I
DD3.3V
Cl = 0 pF; Select @ 66M
119
280
Supply Current
I
DDL2.5V
Cl = 0 pF; Select @ 66M
3
25
Power Down Current
I
DD3.3VPD
Cl = 0 pF; With Input to Vdd or Gnd
600
µA
Input frequency
F
i
V
DD = 3.3 V
14.318
MHz
Input Capacitance
1
C
IN
Logic Inputs
5
pF
C
INX
X1 & X2 pins
27
45
pF
Transition Time
1
T
Trans
To 1st crossing of target Freq.
3
ms
Settling Time
1
T
S
From 1st crossing to 1% target Freq.
1
3
ms
Clk Stabilization
1
T
Stab
From V
DD = 3.3 V to 1% target Freq.
3
ms
T
PZH,TPZL
output enable delay(all outputs)
1
10
ns
T
PHZ,TPLZ
output disable delay(all outputs)
1
10
ns
1Guaranteed by design, not 100% tested in production.
mA
Delay
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com