Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-23 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9250-23
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-23 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9250-23 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 12Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 13Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 14Page - Integrated Circuit Systems ICS9250-23 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
ICS9250-23
Third party brands and names are the property of their respective owners.
Electrical Characteristics - PCICLK
T
A = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 60 pF for PCI0 & PCI1, CL = 30 pF for other PCIs
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH1
IOH = -1 mA
2.4
3.25
V
Output Low Voltage
VOL1
IOL = 1 mA
0.03
0.55
V
VOH@MIN = 1 V
-71
-33
V
OH@MAX = 3.135V
-33
-10
VOL
@MIN = 1.95 V
38
74
V
OL@MAX =0.4V
22
30
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.65
2
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.53
2
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
51.1
55
%
Skew
1
tsk1
VT = 1.5 V
331
500
ps
Jitter, Cycle-to-Cycle
tjcyc-cyc1
VT = 1.5 V
185
500
ps
1Guaranteed by design, not 100% tested in production.
mA
mA
Output High Current
IOH1
Output Low Current
IOL1
Electrical Characteristics - 3V66
T
A = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 10 - 30 pF
PARAMETER
SYMBOL
CONDITIONS
Output High Voltage
VOH1
IOH = -1 mA
Output Low Voltage
VOL1
IOL = 1 mA
VOH@MIN = 1 V
V
OH@MAX = 3.135V
VOL
@MIN = 1.95 V
V
OL@MAX =0.4V
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
Duty Cycle
1
dt1
VT = 1.5 V
Skew
1
tsk1
VT = 1.5 V
Jitter
1
,Cycle-to-Cycle
tjcyc-cyc1
VT = 1.5 V
1Guaranteed by design, not 100% tested in production.
VOL = 0.4 V, VOH = 2.4 V
Rise Time
1
tr1
IOH1
IOL1
Output High Current
Output Low Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com