Electronic Components Datasheet Search
  English  ▼

X  

MK3754ATR Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK3754ATR
Description  Low Cost 54 MHz 3.3 Volt VCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3754ATR Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK3754ATR Datasheet HTML 1Page - Integrated Circuit Systems MK3754ATR Datasheet HTML 2Page - Integrated Circuit Systems MK3754ATR Datasheet HTML 3Page - Integrated Circuit Systems MK3754ATR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MK3754
Low Cost 54 MHz 3.3 Volt VCXO
MDS 3754 D
2
Revision 060100
Printed 11/16/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408) 295-9800 tel • www.icst.com
I C R O
C LOC K
Pin Descriptions
Pin Assignment
Number
Name
Description
1
X1
Crystal connection. Connect to a pullable 13.5 MHz crystal.
2
VDD
VDD. Connect to +3.3 V.
3
VIN
Voltage input to VCXO. Zero to 3.3V analog input which controls the frequency of the VCXO.
4
GND
Connect to ground.
5
VDD
VDD. Connect to +3.3 V.
6
CLK
54 MHz clock output.
7
GND
Connect to ground.
8
X2
Crystal connection. Connect to a pullable 13.5 MHz crystal.
8 pin (150 mil) SOIC
MK3754
1
8
2
3
4
7
6
5
X2
X1
GND
VDD
CLK
VIN
GND
VDD
Pullable Crystal Specifications:
Correlation (load) Capacitance
14 pF
C0/C1
240 max
ESR
35
Ω max
Operating Temperature
0 to 70 °C
Initial Accuracy
±20 ppm
Temperature plus Aging Stability
±50 ppm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com