Electronic Components Datasheet Search
  English  ▼

X  

MK3754ATR Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # MK3754ATR
Description  Low Cost 54 MHz 3.3 Volt VCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3754ATR Datasheet(HTML) 4 Page - Integrated Circuit Systems

  MK3754ATR Datasheet HTML 1Page - Integrated Circuit Systems MK3754ATR Datasheet HTML 2Page - Integrated Circuit Systems MK3754ATR Datasheet HTML 3Page - Integrated Circuit Systems MK3754ATR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MK3754
Low Cost 54 MHz 3.3 Volt VCXO
MDS 3754 D
4
Revision 060100
Printed 11/16/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408) 295-9800 tel • www.icst.com
I C R O
C LOC K
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems Incorporated (ICS) assumes no responsibility for either its
use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is
intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does
not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
Ordering Information
Part/Order Number
Marking
Shipping packaging
Package
Temperature
MK3754A
MK3754A
tubes
8 pin SOIC
0-70 °C
MK3754ATR
MK3754A
tape and reel
8 pin SOIC
0-70 °C
MK3754S
MK3754S
tubes
8 pin SOIC
0-70 °C
MK3754STR
MK3754S
tape and reel
8 pin SOIC
0-70 °C
CHANGE HISTORY
Version Date first published
Status
Comments
D
6/01/00
Added A version
C
12/29/99
Preliminary
Added JEDEC dimensions. Changed VDD to ±5%. Added crystal specs.
B
5/25/99
Preliminary
Updated specs for crystal capacitance, IDD, jitter.
A
4/19/99
Preliminary
Original
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC Publication No. 95.)
B
D
E
H
e
A1
C
A
h x 45°
L
INDEX
AREA
1
2
8 pin SOIC
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.0532
0.0688
1.35
1.75
A1
0.0040
0.0098
0.10
0.24
B
0.0130
0.0200
0.33
0.51
C
0.0075
0.0098
0.19
0.24
D
0.1890
0.1968
4.80
5.00
E
0.1497
0.1574
3.80
4.00
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
H
0.2284
0.2440
5.80
6.20
h
0.0099
0.0195
0.25
0.50
L
0.0160
0.0500
0.41
1.27



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com