Electronic Components Datasheet Search
  English  ▼

X  

MK3754ATR Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # MK3754ATR
Description  Low Cost 54 MHz 3.3 Volt VCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3754ATR Datasheet(HTML) 3 Page - Integrated Circuit Systems

  MK3754ATR Datasheet HTML 1Page - Integrated Circuit Systems MK3754ATR Datasheet HTML 2Page - Integrated Circuit Systems MK3754ATR Datasheet HTML 3Page - Integrated Circuit Systems MK3754ATR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MK3754
Low Cost 54 MHz 3.3 Volt VCXO
MDS 3754 D
3
Revision 060100
Printed 11/16/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408) 295-9800 tel • www.icst.com
I C R O
C LOC K
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 3.3 V unless noted)
DC CHARACTERISTICS (VDD = 3.3 V unless noted)
Operating Voltage, VDD
3.15
3.45
V
Output High Voltage, VOH
IOH=-12mA
2.4
V
Output Low Voltage, VOL
IOL=12mA
0.4
V
Output High Voltage, VOH, CMOS level
IOH=-4mA
VDD-0.4
V
Operating Supply Current, IDD
No Load
9
mA
Short Circuit Current
±50
mA
VIN, VCXO control voltage
0
3.3
V
AC CHARACTERISTICS (VDD = 3.3 V unless noted)
AC CHARACTERISTICS (VDD = 3.3 V unless noted)
Input Crystal Frequency
13.50000
MHz
Output Clock Rise Time
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
2.0 to 0.8V
1.5
ns
Output Clock Duty Cycle
At 1.4V
40
50
60
%
Maximum Absolute Jitter, short term
100
ps
54 MHz output pullability, note 2
0V
≤ VIN ≤ 3.3 V
±100
ppm
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. With an ICS approved pullable crystal. The A version has a typical range of ±180 ppm.
External Components
The MK3754 requires a minimum number of external components for proper operation. A decoupling
capacitor of 0.01µF should be connected between VDD and GND on pins 2 and 4, as close to the
MK3754 as possible. A series termination resistor of 33
Ω may be used for the clock output. The input
crystal must be connected as close to the chip as possible. The input crystal should be a parallel mode,
pullable, AT cut, 13.5 MHz, with 14 pF load capacitance. Consult ICS for recommended suppliers.
IMPORTANT - read application note MAN05 before laying out the PCB.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com