Electronic Components Datasheet Search
  English  ▼

X  

MK3754ATR Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK3754ATR
Description  Low Cost 54 MHz 3.3 Volt VCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3754ATR Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK3754ATR Datasheet HTML 1Page - Integrated Circuit Systems MK3754ATR Datasheet HTML 2Page - Integrated Circuit Systems MK3754ATR Datasheet HTML 3Page - Integrated Circuit Systems MK3754ATR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MK3754
Low Cost 54 MHz 3.3 Volt VCXO
MDS 3754 D
1
Revision 060100
Printed 11/16/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408) 295-9800 tel • www.icst.com
I C R O
C LOC K
Block Diagram
Description
Features
The MK3754 is ICS/Microclock’s lowest cost, low
jitter, high performance 3.3 Volt VCXO and PLL
clock synthesizer designed to replace expensive
54 MHz VCXOs. The on-chip Voltage Controlled
Crystal Oscillator accepts a 0 to 3.3 V input voltage
to vary the output clocks by ±100 ppm. Using
ICS/Microclock’s patented VCXO and
analog/digital Phase-Locked Loop (PLL)
techniques, the device uses an inexpensive external
13.5 MHz pullable crystal input to produce a
54 MHz output clock.
The MK3754A is a drop-in replacement to the
earlier MK3754S.
• Packaged in 8 pin SOIC
• 3.3 V only operating voltage
• Uses an inexpensive 13.500 MHz external crystal
• On-chip VCXO (patented) with pull range of
200ppm (minimum)
• VCXO tuning voltage of 0 to 3.3 V
• 12mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• The A version is the latest, manufactured in a
smaller geometry process. The MK3754A gives a
wider pull range than the MK3754S, and so is
recommended for all new designs, and cost
reductions of existing designs.
Voltage
Controlled
Crystal
Oscillator
PLL/Clock
Synthesis
Circuitry
13.5 MHz
pullable
crystal
X1
X2
VIN
Output
Buffer
54MHz


Similar Part No. - MK3754ATR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
MK3754B RENESAS-MK3754B Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
MK3754BLF RENESAS-MK3754BLF Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
MK3754BLFTR RENESAS-MK3754BLFTR Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
MK3754BTR RENESAS-MK3754BTR Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
More results

Similar Description - MK3754ATR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2754 ICST-MK2754 Datasheet
57Kb / 4P
Low Cost 54 MHz VCXO
Revision 011698
MK3713 ICST-MK3713 Datasheet
56Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 020900
MK3720 ICST-MK3720 Datasheet
57Kb / 4P
27 MHz and 54 MHz 3.3 Volt VCXO
Revision 053100
MK3721 ICST-MK3721 Datasheet
58Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3723 ICST-MK3723 Datasheet
59Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
LOW COST 27 MHZ 3.3 VOLT VCXO
Revision 012505
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
MK3715 ICST-MK3715 Datasheet
120Kb / 6P
LOW COST 3.3 VOLT VCXO
Revision 021804
logo
Renesas Technology Corp
MK3720 RENESAS-MK3720 Datasheet
305Kb / 7P
27 MHZ AND 54 MHZ 3.3 VOLT VCXO
061705
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com