Electronic Components Datasheet Search
  English  ▼

X  

ADG466 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG466
Description  Triple and Octal Channel Protectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG466 Datasheet(HTML) 6 Page - Analog Devices

  ADG466 Datasheet HTML 1Page - Analog Devices ADG466 Datasheet HTML 2Page - Analog Devices ADG466 Datasheet HTML 3Page - Analog Devices ADG466 Datasheet HTML 4Page - Analog Devices ADG466 Datasheet HTML 5Page - Analog Devices ADG466 Datasheet HTML 6Page - Analog Devices ADG466 Datasheet HTML 7Page - Analog Devices ADG466 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADG466/ADG467
–6–
REV. 0
The channel protector is also functional when the supply rails
are down (e.g., power failure) or momentarily unconnected
(e.g., rack system). This is where the channel protector has an
advantage over more conventional protection methods such as
diode clamping (see “Applications Information”). When VDD
and VSS equal 0 V, all transistors are off and the current is
limited to subnano-ampere levels (see Figure 11).
NMOS
PMOS
NMOS
VDD (0V)
VSS (0V)
VDD (0V)
POSITIVE OR
NEGATIVE
OVERVOLTAGE
(0V)
OFF
OFF
OFF
Figure 11. Channel Protector Supplies Equal to Zero Volts
TRENCH ISOLATION
The MOS devices that make up the channel protector are
isolated from each other by an oxide layer (trench) (see Figure
12). When the NMOS and PMOS devices are not electrically
isolated from each other, there exists the possibility of “latch-
up” caused by parasitic junctions between CMOS transistors.
Latch-up is caused when P-N junctions that are normally
reverse biased become forward biased, causing large currents to
flow, which can be destructive.
CMOS devices are normally isolated from each other by
Junction Isolation. In Junction Isolation, the N and P wells of the
CMOS transistors form a diode that is reverse-biased under
normal operation. However, during overvoltage conditions, this
diode becomes forward biased. A Silicon-Controlled Rectifier
(SCR) type circuit is formed by the two transistors causing a
significant amplification of the current that, in turn, leads to
latch-up. With Trench Isolation, this diode is removed; the
result is a latch-up proof circuit.
VG
VD
P-CHANNEL
P+
P+
VS
N–
VG
VD
N-CHANNEL
N+
N+
VS
P–
T
R
E
N
C
H
T
R
E
N
C
H
T
R
E
N
C
H
BURIED OXIDE LAYER
SUBSTRATE (BACKGATE)
Figure 12. Trench Isolation
APPLICATIONS INFORMATION
Overvoltage and Power Supply Sequencing Protection
The ADG466 and ADG467 are ideal for use in applications
where input overvoltage protection is required and correct
power supply sequencing cannot always be guaranteed. The
overvoltage protection ensures that the output voltage of the
channel protector will not exceed the threshold voltages set by
the supplies (see “Circuit Information”) when there is an
overvoltage on the input. When the input voltage does not
exceed these threshold voltages, the channel protector behaves
like a series resistor (60
Ω typ). The resistance of the channel
protector does vary slightly with operating conditions (see
“Typical Performance Graphs”).
The power sequencing protection is afforded by the fact that
when the supplies to the channel protector are not connected,
the channel protector becomes a high resistance device. Under
this condition all transistors in the channel protector are off and
the only currents that flow are leakage currents, which are at the
µA level.
VDD
VSS
+5V
–5V
EDGE
CONNECTOR
ADG466
ADC
CONTROL
LOGIC
ANALOG IN
–2.5V TO +2.5V
LOGIC
LOGIC
GND
Figure 13. Overvoltage and Power Supply Sequencing
Protection
Figure 13 shows a typical application that requires overvoltage
and power supply sequencing protection. The application shows
a Hot-Insertion rack system. This involves plugging a circuit
board or module into a live rack via an edge connector. In this
type of application it is not possible to guarantee correct power
supply sequencing. Correct power supply sequencing means
that the power supplies should be connected before any external
signals. Incorrect power sequencing can cause a CMOS device
to “latch up.” This is true of most CMOS devices regardless of
the functionality. RC networks are used on the supplies of the
channel protector (Figure 13) to ensure that the rest of the
circuitry is powered up before the channel protectors. In this
way, the outputs of the channel protectors are clamped well
below VDD and VSS until the capacitors are charged. The diodes
ensure that the supplies on the channel protector never exceed
the supply rails of the board when it is being disconnected.
Again this ensures that signals on the inputs of the CMOS
devices never exceed the supplies.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com