Electronic Components Datasheet Search
  English  ▼

X  

AD532 Datasheet(PDF) 8 Page - Analog Devices

Part # AD532
Description  Internally Trimmed Integrated Circuit Multiplier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD532 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD532 Datasheet HTML 4Page - Analog Devices AD532 Datasheet HTML 5Page - Analog Devices AD532 Datasheet HTML 6Page - Analog Devices AD532 Datasheet HTML 7Page - Analog Devices AD532 Datasheet HTML 8Page - Analog Devices AD532 Datasheet HTML 9Page - Analog Devices AD532 Datasheet HTML 10Page - Analog Devices AD532 Datasheet HTML 11Page - Analog Devices AD532 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AD532
Rev. D | Page 7 of 16
Table 4. 20 Lead Leadless Chip Carrier Pin Function Descriptions
Pin No.
Mnemonic
Description
2
Z
Dual Purpose Input
3
OUT
Product Output
4
−VS
Negative Supply Voltage
1, 5, 6, 7, 8, 9, 11, 12,
15, 17
NC
No Connection
10
X1
X Multiplicand Input 1
13
X2
X Multiplicand Input 2
14
GND
Common
16
VOS
Output Offset Adjust
18
Y2
Y Multiplicand Input 2
19
Y1
Y Multiplicand Input 1
20
+VS
Positive Supply Voltage
Table 5. 14 Lead Side Braize DIP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
Z
Dual Purpose Input
2
OUT
Product Output
3
−VS
Negative Supply Voltage
4, 5, 6
NC
No Connection
7
X1
X Multiplicand Input 1
9
X2
X Multiplicand Input 2
10
GND
Common
11
VOS
Output Offset Adjust
12
Y2
Y Multiplicand Input 2
13
Y1
Y Multiplicand Input 1
14
+VS
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com