Electronic Components Datasheet Search
  English  ▼

X  

AD532 Datasheet(PDF) 1 Page - Analog Devices

Part # AD532
Description  Internally Trimmed Integrated Circuit Multiplier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD532 Datasheet(HTML) 1 Page - Analog Devices

  AD532 Datasheet HTML 1Page - Analog Devices AD532 Datasheet HTML 2Page - Analog Devices AD532 Datasheet HTML 3Page - Analog Devices AD532 Datasheet HTML 4Page - Analog Devices AD532 Datasheet HTML 5Page - Analog Devices AD532 Datasheet HTML 6Page - Analog Devices AD532 Datasheet HTML 7Page - Analog Devices AD532 Datasheet HTML 8Page - Analog Devices AD532 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Internally Trimmed
Integrated Circuit Multiplier
AD532
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2001–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Pretrimmed to ±1.0% (AD532K)
No external components required
Guaranteed ±1.0% maximum 4-quadrant error (AD532K)
Differential Inputs for (X
1 − X2) (Y1 − Y2)/10 V transfer
function
Monolithic construction, low cost
APPLICATIONS
Multiplication, division, squaring, square rooting
Algebraic computation
Power measurements
Instrumentation applications
Available in chip form
FUNCTIONAL BLOCK DIAGRAM
(WITH Z TIED TO OUTPUT)
VX
VY
X1
X2
Y1
Y2
R
R
Z
OUTPUT
VOS
10R
R
VOUT =
(X1 – X2) (Y1 – Y2)
10V
X
Figure 1.
GENERAL DESCRIPTION
The AD532 is the first pretrimmed single chip monolithic
multiplier/divider. It guarantees a maximum multiplying error
of ±1.0% and a ±10 V output voltage without the need for any
external trimming resistors or output op amp. Because the AD532
is internally trimmed, its simplicity of use provides design
engineers with an attractive alternative to modular multipliers,
and its monolithic construction provides significant advantages
in size, reliability and economy. Further, the AD532 can be used
as a direct replacement for other IC multipliers that require
external trim networks.
FLEXIBILITY OF OPERATION
The AD532 multiplies in four quadrants with a transfer function of
(X1 − X2)(Y1 − Y2)/10 V, divides in two quadrants with a 10 V
Z/(X1 − X2) transfer function, and square roots in one quadrant
with a transfer function of ±√10 V Z. In addition to these basic
functions, the differential X and Y inputs provide significant
operating flexibility both for algebraic computation and transducer
instrumentation applications. Transfer functions, such as XY/10 V,
(X2 − Y2)/10 V, ±X2/10 V, and 10 V Z/(X1 − X2), are easily attained
and are extremely useful in many modulation and function
generation applications, as well as in trigonometric calculations
for airborne navigation and guidance applications, where the
monolithic construction and small size of the AD532 offer
considerable system advantages. In addition, the high CMRR
(75 dB) of the differential inputs makes the AD532 especially
well qualified for instrumentation applications, as it can provide
an output signal that is the product of two transducer generated
input signals.
GUARANTEED PERFORMANCE OVER
TEMPERATURE
The AD532J and AD532K are specified for maximum multiplying
errors of ±2% and ±1% of full scale, respectively at 25°C, and
are rated for operation from 0°C to 70°C. The AD532S has a
maximum multiplying error of ±1% of full scale at 25°C; it is
also 100% tested to guarantee a maximum error of ±4% at the
extended operating temperature limits of −55°C and +125°C.
All devices are available in either the hermetically-sealed TO-
100 metal can, TO-116 ceramic DIP or LCC packages. The J, K,
and S grade chips are also available.
ADVANTAGES OF ON-THE-CHIP TRIMMING OF
THE MONOLITHIC AD532
1. True ratiometric trim for improved power supply rejection.
2. Reduced power requirements since no networks across
supplies are required.
3. More reliable because standard monolithic assembly
techniques can be used rather than more complex hybrid
approaches.
4. High impedance X and Y inputs with negligible circuit
loading.
5. Differential X and Y inputs for noise rejection and additional
computational flexibility.


Similar Part No. - AD532

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD532 AD-AD532 Datasheet
136Kb / 7P
Internally Trimmed Integrated Circuit Multiplier
AD532 AD-AD532 Datasheet
521Kb / 17P
Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532 Datasheet
346Kb / 14P
Internally Trimmed Integrated Circuit Multiplier
Rev. E
AD5320 AD-AD5320 Datasheet
427Kb / 20P
2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
10/04-Data Sheet changed from REV. E to REV. F.
AD5320 AD-AD5320 Datasheet
192Kb / 12P
2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
More results

Similar Description - AD532

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD532 AD-AD532 Datasheet
136Kb / 7P
Internally Trimmed Integrated Circuit Multiplier
AD534 AD-AD534 Datasheet
159Kb / 12P
Internally Trimmed Precision IC Multiplier
AD632 AD-AD632 Datasheet
177Kb / 6P
Internally Trimmed Precision IC Multiplier
REV.A
logo
Motorola, Inc
MC3419-1 MOTOROLA-MC3419-1 Datasheet
1Mb / 16P
SUBSCRIBER LOOP INTERFACE CIRCUIT(SLIC) BIPOLASER-TRIMMED INTEGRATED CIRCUIT
logo
Analog Devices
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
Internally Trimmed Precision IC Multiplier
REV. D
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD534 AD-AD534_15 Datasheet
530Kb / 21P
Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
Internally Trimmed Precision IC Multiplier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com