Electronic Components Datasheet Search
  English  ▼

X  

AD532 Datasheet(PDF) 15 Page - Analog Devices

Part # AD532
Description  Internally Trimmed Integrated Circuit Multiplier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD532 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD532 Datasheet HTML 9Page - Analog Devices AD532 Datasheet HTML 10Page - Analog Devices AD532 Datasheet HTML 11Page - Analog Devices AD532 Datasheet HTML 12Page - Analog Devices AD532 Datasheet HTML 13Page - Analog Devices AD532 Datasheet HTML 14Page - Analog Devices AD532 Datasheet HTML 15Page - Analog Devices AD532 Datasheet HTML 16Page - Analog Devices AD532 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
AD532
Rev. D | Page 14 of 16
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
14
1
7
8
0.310 (7.87)
0.220 (5.59)
PIN 1
0.080 (2.03) MAX
0.005 (0.13) MIN
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.060 (1.52)
0.015 (0.38)
0.200 (5.08)
MAX
0.200 (5.08)
0.125 (3.18)
0.070 (1.78)
0.030 (0.76)
0.100 (2.54)
BSC
0.150
(3.81)
MIN
0.765 (19.43) MAX
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
Figure 20. 14-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
(D-14)
Dimensions shown in inches and (millimeters)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
1
20
4
9
8
13
19
14
3
18
BOTTOM
VIEW
0.028 (0.71)
0.022 (0.56)
45° TYP
0.015 (0.38)
MIN
0.055 (1.40)
0.045 (1.14)
0.050 (1.27)
BSC
0.075 (1.91)
REF
0.011 (0.28)
0.007 (0.18)
R TYP
0.095 (2.41)
0.075 (1.90)
0.100 (2.54) REF
0.200 (5.08)
REF
0.150 (3.81)
BSC
0.075 (1.91)
REF
0.358 (9.09)
0.342 (8.69)
SQ
0.358
(9.09)
MAX
SQ
0.100 (2.54)
0.064 (1.63)
0.088 (2.24)
0.054 (1.37)
Figure 21. 20-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-20-1)
Dimensions shown in inches and (millimeters)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
DIMENSIONS PER JEDEC STANDARDS MO-006-AF
0.500 (12.70)
MIN
0.185 (4.70)
0.165 (4.19)
REFERENCE PLANE
0.050 (1.27) MAX
0.040 (1.02) MAX
0.021 (0.53)
0.016 (0.40)
1
0.034 (0.86)
0.025 (0.64)
0.045 (1.14)
0.025 (0.65)
0.160 (4.06)
0.110 (2.79)
6
2
8
7
5
4
3
0.115
(2.92)
BSC
9
10
0.230 (5.84)
BSC
BASE & SEATING PLANE
36° BSC
Figure 22. 10-Pin Metal Header Package [TO-100]
(H-10)
Dimensions shown in inches and (millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com