Electronic Components Datasheet Search
  English  ▼

X  

28F016XS Datasheet(PDF) 13 Page - Intel Corporation

Part # 28F016XS
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016XS Datasheet(HTML) 13 Page - Intel Corporation

Back Button 28F016XS Datasheet HTML 9Page - Intel Corporation 28F016XS Datasheet HTML 10Page - Intel Corporation 28F016XS Datasheet HTML 11Page - Intel Corporation 28F016XS Datasheet HTML 12Page - Intel Corporation 28F016XS Datasheet HTML 13Page - Intel Corporation 28F016XS Datasheet HTML 14Page - Intel Corporation 28F016XS Datasheet HTML 15Page - Intel Corporation 28F016XS Datasheet HTML 16Page - Intel Corporation 28F016XS Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
E
28F016XS FLASH MEMORY
13
4/15/97 9:41 AM
9053204.DOC
INTEL CONFIDENTIAL
(until publication date)
2.1
Lead Descriptions (Continued)
Symbol
Type
Name and Function
CLK
INPUT
CLOCK: Provides the fundamental timing and internal operating frequency.
CLK latches input addresses in conjunction with ADV#, times out the desired
output SFI Configuration as a function of the CLK period, and synchronizes
device outputs. CLK can be slowed or stopped with no loss of data or
synchronization. CLK is ignored during program operations.
ADV#
INPUT
ADDRESS VALID: Indicates that a valid address is present on the address
inputs. ADV# low at the rising edge of CLK latches the address on the address
inputs into the flash memory and initiates a read access to the even or odd
bank depending on the state of A1. ADV# is ignored during program operations.
RY/BY#
OPEN
DRAIN
OUTPUT
READY/BUSY: Indicates status of the internal WSM. When low, it indicates
that the WSM is busy performing an operation. RY/BY# high indicates that the
WSM is ready for new operations, erase is suspended, or the device is in deep
power-down mode. This output is always active (i.e., not floated to tri-state off
when OE# or CE0#, CE1# are high).
WP#
INPUT
WRITE PROTECT: Erase blocks can be locked by writing a nonvolatile lock-bit
for each block. When WP# is low, those locked blocks as reflected by the
Block-Lock Status bits (BSR.6), are protected from inadvertent data programs
or erases. When WP# is high, all blocks can be written or erased regardless of
the state of the lock-bits. The WP# input buffer is disabled when RP#
transitions low (deep power-down mode).
BYTE#
INPUT
BYTE ENABLE: BYTE# low places device in x8 mode. All data is then input or
output on DQ0–7, and DQ8–15 float. Address A0 selects between the high and
low byte. BYTE# high places the device in x16 mode, and turns off the A0 input
buffer. Address A1 then becomes the lowest order address.
3/5#
INPUT
3.3/5.0 VOLT SELECT: 3/5# high configures internal circuits for 3.3V
operation. 3/5# low configures internal circuits for 5.0V operation.
NOTE:
Reading the array with 3/5# high in a 5.0V system could damage the device.
Reference the power-up and reset timings (Section 5.10) for 3/5# switching
delay to valid data.
VPP
SUPPLY
PROGRAM/ERASE POWER SUPPLY (12.0V ± 0.6V, 5.0V ± 0.5V) :
For erasing memory array blocks or writing words/bytes into the flash array.
VPP = 5.0V ± 0.5V eliminates the need for a 12.0V converter, while the 12.0V ±
0.6V option maximizes program/erase performance.
Successful completion of program and erase attempts is inhibited with VPP at
or below 1.5V. Program and erase attempts with VPP between 1.5V and 4.5V,
between 5.5V and 11.4V, and above 12.6V produce spurious results and
should not be attempted.
VCC
SUPPLY
DEVICE POWER SUPPLY (3.3V ± 5%, 5.0V ± 5%):
To switch 3.3V to 5.0V (or vice versa), first ramp VCC down to GND, and then
power to the new VCC voltage. Do not leave any power pins floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com