Electronic Components Datasheet Search
  English  ▼

X  

28F016XS Datasheet(PDF) 48 Page - Intel Corporation

Part # 28F016XS
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016XS Datasheet(HTML) 48 Page - Intel Corporation

Back Button 28F016XS Datasheet HTML 44Page - Intel Corporation 28F016XS Datasheet HTML 45Page - Intel Corporation 28F016XS Datasheet HTML 46Page - Intel Corporation 28F016XS Datasheet HTML 47Page - Intel Corporation 28F016XS Datasheet HTML 48Page - Intel Corporation 28F016XS Datasheet HTML 49Page - Intel Corporation 28F016XS Datasheet HTML 50Page - Intel Corporation 28F016XS Datasheet HTML 51Page - Intel Corporation 28F016XS Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
28F016XS FLASH MEMORY
E
48
5.10
Power-Up and Reset Timings
RP#
3/5#
0V
3.3V
V
POWER-UP
CC
5.0V
VCC
(P)
(Y)
(3V,5V)
4.5V
PLYL
t
t PL5V
YLPH
t
YHPH
t
0532_18
NOTE:
For read timings following reset see Section 5.7.
Figure 17. VCC Power-Up and RP# Reset Waveforms
Symbol
Parameter
Notes
Min
Max
Unit
tPLYL
tPLYH
RP# Low to 3/5# Low (High)
0
µs
tYLPH
tYHPH
3/5# Low (High) to RP# High
0
µs
tPL5V
tPL3V
RP# Low to VCC at 4.5V (Minimum)
RP# Low to VCC at 3V (Min) or 3.6V (Max)
20
µs
NOTES:
1. The t
YLPH and/or tYHPH times must be strictly followed to guarantee all other read and program specifications for the
28F016XS.
2. The power supply may start to switch concurrently with RP# going low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com