Electronic Components Datasheet Search
  English  ▼

X  

28F016XS Datasheet(PDF) 49 Page - Intel Corporation

Part # 28F016XS
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016XS Datasheet(HTML) 49 Page - Intel Corporation

Back Button 28F016XS Datasheet HTML 45Page - Intel Corporation 28F016XS Datasheet HTML 46Page - Intel Corporation 28F016XS Datasheet HTML 47Page - Intel Corporation 28F016XS Datasheet HTML 48Page - Intel Corporation 28F016XS Datasheet HTML 49Page - Intel Corporation 28F016XS Datasheet HTML 50Page - Intel Corporation 28F016XS Datasheet HTML 51Page - Intel Corporation 28F016XS Datasheet HTML 52Page - Intel Corporation 28F016XS Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
E
28F016XS FLASH MEMORY
49
4/15/97 9:41 AM
9053204.DOC
INTEL CONFIDENTIAL
(until publication date)
5.11
Erase and Program Performance(3,4)
VCC = 3.3V ± 5%, VPP = 5.0V ± 5%, TA = 0°C to +70°C
Symbol
Parameter
Notes
Min
Typ(1)
Max
Units
Test Conditions
tWHRH1A
Byte Program Time
2,5
TBD
29
TBD
µs
tWHRH1B
Word Program Time
2,5
TBD
35
TBD
µs
tWHRH2
Block Program Time
2,5
TBD
3.8
TBD
sec
Byte Program
Mode
tWHRH3
Block Program Time
2,5
TBD
2.4
TBD
sec
Word Program
Mode
Block Erase Time
2,5
TBD
2.8
TBD
sec
Erase Suspend
Latency Time to Read
1.0
12
75
µs
VCC = 3.3V ± 5%, VPP = 12.0V ± 0.6V, TA = 0°C to +70°C
Symbol
Parameter
Notes
Min
Typ(1)
Max
Units
Test Conditions
tWHRH1
Program Time
2,5
5
9
TBD
µs
tWHRH2
Block Program Time
2,5
TBD
1.2
4.2
sec
Byte Program
Mode
tWHRH3
Block Program Time
2,5
TBD
0.6
2.0
sec
Word Program
Mode
Block Erase Time
2
0.6
1.6
20
sec
Erase Suspend
Latency Time to Read
1.0
955
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com