Electronic Components Datasheet Search
  English  ▼

X  

28F016XS Datasheet(PDF) 17 Page - Intel Corporation

Part # 28F016XS
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016XS Datasheet(HTML) 17 Page - Intel Corporation

Back Button 28F016XS Datasheet HTML 13Page - Intel Corporation 28F016XS Datasheet HTML 14Page - Intel Corporation 28F016XS Datasheet HTML 15Page - Intel Corporation 28F016XS Datasheet HTML 16Page - Intel Corporation 28F016XS Datasheet HTML 17Page - Intel Corporation 28F016XS Datasheet HTML 18Page - Intel Corporation 28F016XS Datasheet HTML 19Page - Intel Corporation 28F016XS Datasheet HTML 20Page - Intel Corporation 28F016XS Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
E
28F016XS FLASH MEMORY
17
4/15/97 9:41 AM
9053204.DOC
INTEL CONFIDENTIAL
(until publication date)
4.2
Bus Operations for Byte-Wide Mode (BYTE# = VIL)
Mode
Notes
RP#
CE0–1#
OE#
WE#
ADV#
CLK
A0
DQ0–7
RY/BY#
Latch Read
Address
1,9,10
VIH
VIL
XVIH
VIL
↑
XX
X
Inhibit
Latching
Read Address
1,9
VIH
VIL
XVIH
VIH
↑
XX
X
Read
1,2,7,9
VIH
VIL
VIL
VIH
X
↑
XDOUT
X
Output
Disable
1,6,7,9
VIH
VIL
VIH
VIH
X
X
X
High Z
X
Standby
1,6,7,9
VIH
VIH
XXXXX
High Z
X
Deep
Power-Down
1,3
VIL
X
XXXXX
High Z
VOH
Manufacturer
ID
1,4,9
VIH
VIL
VIL
VIH
X
↑
VIL
89H
VOH
Device ID
1,4,8,9
VIH
VIL
VIL
VIH
X
↑
VIH
A8H
VOH
Write
1,5,6,9
VIH
VIL
VIH
VIL
XXX
DIN
X
NOTES:
1.
X can be VIH or VIL for address or control pins except for RY/BY#, which is either VOL or VOH, or High Z or DOUT for data
pins depending on whether or not OE# is active.
2.
RY/BY# output is open drain. When the WSM is ready, Erase is suspended, or the device is in deep power-down mode,
RY/BY# will be at VOH if it is tied to VCC through a resistor. RY/BY# at VOH is independent of OE# while a WSM operation
is in progress.
3.
RP# at GND ± 0.2V ensures the lowest deep power-down current.
4.
A0 and A1 at VIL provide device manufacturer codes in x8 and x16 modes respectively. A0 and A1 at VIH provide device ID
codes in x8 and x16 modes respectively. All other addresses are set to zero.
5.
Commands for erase, data program, or lock-block operations can only be completed successfully when VPP = VPPH1 or
VPP = VPPH2.
6.
While the WSM is running, RY/BY# stays at VOL until all operations are complete. RY/BY# goes to VOH when the WSM is
not busy or in erase suspend mode.
7.
RY/BY# may be at VOL while the WSM is busy performing various operations (for example, a Status Register read during a
program operation).
8.
The 28F016XS shares an identical device identifier with the 28F016XD.
9.
CE0–1# at VIL is defined as both CE0# and CE1# low, and CE0–1# at VIH is defined as either CE0# or CE1# high.
10. Addresses are latched on the rising edge of CLK in conjunction with ADV# low. Address A1 = 0 selects the even bank and
A1 = 1 selects the odd bank, in both byte-wide mode and word-wide mode device configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com