Electronic Components Datasheet Search
  English  ▼

X  

28F800F3 Datasheet(PDF) 30 Page - Intel Corporation

Part # 28F800F3
Description  FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F800F3 Datasheet(HTML) 30 Page - Intel Corporation

Back Button 28F800F3 Datasheet HTML 26Page - Intel Corporation 28F800F3 Datasheet HTML 27Page - Intel Corporation 28F800F3 Datasheet HTML 28Page - Intel Corporation 28F800F3 Datasheet HTML 29Page - Intel Corporation 28F800F3 Datasheet HTML 30Page - Intel Corporation 28F800F3 Datasheet HTML 31Page - Intel Corporation 28F800F3 Datasheet HTML 32Page - Intel Corporation 28F800F3 Datasheet HTML 33Page - Intel Corporation 28F800F3 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
FAST BOOT BLOCK DATASHEET
E
30
PRODUCT PREVIEW
8.4
DC Characteristics—Extended Temperature(1)
VCC
2.7 V–3.6 V
2.7 V–2.85 V
2.7 V–3.3 V
VCCQ
2.7 V–3.6 V
1.65 V–2.5 V 1.65 V–2.5 V
Sym
Parameter
Note
Typ
Max
Typ
Max
Typ
Max
Unit
Test Conditions
ILI
Input Load
Current
6
± 1
± 1
± 1
µA
VCC = VCCMax
VCCQ = VCCQMax
VIN = VCCQ or GND
ILO
Output Leakage
Current
6
± 10
± 10
± 10
µA
VCC = VCCMax
VCCQ = VCCQMax
Output Leakage
Current for
WAIT#
± 25
± 25
± 25
VIN = VCCQ or GND
ICCS
VCC Standby
Current
6
30
50
20
50
150
250
µA
VCC = VCCMax
CE# = RP# = VCC
or during Program/
Erase Suspend
ICCR
VCC Read
Current
4,6
45
60
30
45
40
55
mA
Asynchronous
tAVAV = Min
VIN = VIH or VIL
45
60
30
45
40
55
mA
Synchronous
CLK = 33 MHz
CE# = VIL
OE# = VIH
Burst length = 1
ICCW
VCC Program
Current
3,6
8
20
8
20
8
20
mA
VPP = VPP1, 2
Program in Progress
ICCE
VCC Erase
Current
3,6
8
20
8
20
8
20
mA
VPP = VPP1, 2
Erase in Progress
IPPR
VPP Read
Current
2
±15
2
±15
2
±15
µA
VPP ≤ VCC
3
50
200
50
200
50
200
µA
VPP > VCC
IPPW
VPP Program
Current
3
103510
3510
35
mA
VPP =VPP1
Program in Progress
210
2
10
2
10
mA
VPP = VPP2
Program in Progress
IPPE
VPP Erase
Current
3
122513
2513
25
mA
VPP = VPP1
Program in Progress
825
8
25
8
25
mA
VPP = VPP2
Program in Progress
IPPES
IPPWS
VPP Erase
Suspend Current
3
50
200
50
200
50
200
µA
VPP = VPP1, 2
Program or Erase
Suspend in Progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com