Electronic Components Datasheet Search
  English  ▼

X  

28F800F3 Datasheet(PDF) 42 Page - Intel Corporation

Part # 28F800F3
Description  FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F800F3 Datasheet(HTML) 42 Page - Intel Corporation

Back Button 28F800F3 Datasheet HTML 38Page - Intel Corporation 28F800F3 Datasheet HTML 39Page - Intel Corporation 28F800F3 Datasheet HTML 40Page - Intel Corporation 28F800F3 Datasheet HTML 41Page - Intel Corporation 28F800F3 Datasheet HTML 42Page - Intel Corporation 28F800F3 Datasheet HTML 43Page - Intel Corporation 28F800F3 Datasheet HTML 44Page - Intel Corporation 28F800F3 Datasheet HTML 45Page - Intel Corporation 28F800F3 Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
FAST BOOT BLOCK DATASHEET
E
42
PRODUCT PREVIEW
8.10
Capacitance(1)
TA = +25°C, f = 1 MHz
Sym
Parameter
Typ
Max
Unit
Condition
CIN
Input Capacitance
6
8
pF
VIN = 0.0 V
COUT
Output Capacitance
8
12
pF
VOUT = 0.0 V
NOTE:
1.
Sampled, not 100% tested.
V
CCQ
0V
V
CCQ/2
V
CCQ/2
Test Points
Input
Output
AC test inputs are driven at 3.0 V for a Logic "1" and 0.0 V for a Logic "0." Input timing begins, and output timing ends, at
VCCQ/2. Input rise and fall times (10% to 90%) < 5 ns. Worst case speed conditions are when VCCQ = 3.0 V.
Figure 22. Transient Input/Output Reference Waveform for VCC = 3.3 V ± 0.3 V
Device
Under Test
V
CCQ
C
L
R
2
R
1
Out
NOTE:
See table for component values.
Figure 23. Transient Equivalent Testing
Load Circuit
Test Configuration Component Value
for Worst Case Speed Conditions
Test Configuration
CL (pF)
R1 (
Ω)R2 (Ω)
3 V Standard Test
80
25K
25K
NOTE:
CL includes jig capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com