Electronic Components Datasheet Search
  English  ▼

X  

87C196LB Datasheet(PDF) 9 Page - Intel Corporation

Part # 87C196LB
Description  CHMOS 16-BIT MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196LB Datasheet(HTML) 9 Page - Intel Corporation

Back Button 87C196LB Datasheet HTML 5Page - Intel Corporation 87C196LB Datasheet HTML 6Page - Intel Corporation 87C196LB Datasheet HTML 7Page - Intel Corporation 87C196LB Datasheet HTML 8Page - Intel Corporation 87C196LB Datasheet HTML 9Page - Intel Corporation 87C196LB Datasheet HTML 10Page - Intel Corporation 87C196LB Datasheet HTML 11Page - Intel Corporation 87C196LB Datasheet HTML 12Page - Intel Corporation 87C196LB Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
AUTOMOTIVE
®
PRODUCT PREVIEW
EXTINT
I
External Interrupt
In normal operating mode, a rising edge on EXTINT sets the EXTINT interrupt
pending bit. EXTINT is sampled during phase 2. The minimum high time is one
state time.
In powerdown mode, asserting the EXTINT signal for at least 50 ns causes the
device to resume normal operation. The interrupt need not be enabled. If the
EXTINT interrupt is enabled, the CPU executes the interrupt service routine.
Otherwise, the CPU executes the instruction that immediately follows the
command that invoked the power-saving mode.
In idle mode, asserting any enabled interrupt causes the device to resume
normal operation.
EXTINT shares a package pin with P2.2 and PROG#.
P0.7:2
I
Port 0
This is a high-impedance, input-only port. Port 0 pins should not be left floating.
The port 0 signals share package pins with the A/D inputs. These pins may
individually be used as analog inputs (ACH
x) or digital inputs (P0.y). While it is
possible for the pins to function simultaneously as analog and digital inputs, this
is not recommended because reading port 0 while a conversion is in process
can produce unreliable conversion results.
ANGND and V
REF must be connected for port 0 to function.
P0.3:2 share package pins with ACH3:2 and P0.7:4 share package pins with
ACH7:4 and PMODE.3:0.
P1.3:0
I/O
Port 1
This is a standard bidirectional port that shares package pins with individually
selectable special-function signals.
Port 1 shares package pins with the following signals: P1.0/EPA0/T2CLK,
P1.1/EPA1, P1.2/EPA2/T2DIR, P1.3/EPA3.
P2.7:6
P2.4
P2.2:0
I/O
Port 2
This is a standard bidirectional port that shares package pins with individually
selectable special-function signals.
Port 2 shares package pins with the following signals: P2.0/TXD/PVER,
P2.1/RXD/PALE#, P2.2/EXTINT/PROG#, P2.4/AINC#/RXJ1850,
P2.6/TXJ1850/ONCE#/CPVER, P2.7/OSCOUT/PACT#.
P3.7:0
I/O
Port 3
This is a memory-mapped, 8-bit, bidirectional port with programmable open-
drain or complementary output modes. The pins are shared with the
multiplexed address/data bus, which has complementary drivers..
P3.7:0 share package pins with AD7:0 and PBUS.7:0.
P4.7:0
I/O
Port 4
This is a memory-mapped, 8-bit, bidirectional port with open-drain or
complementary output modes. The pins are shared with the multiplexed
address/data bus, which has complementary drivers.
P4.7:0 share package pins with AD15:8 and PBUS.15:8.
Table 4. Signal Descriptions (Continued)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com