Electronic Components Datasheet Search
  English  ▼

X  

87C196LB Datasheet(PDF) 14 Page - Intel Corporation

Part # 87C196LB
Description  CHMOS 16-BIT MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196LB Datasheet(HTML) 14 Page - Intel Corporation

Back Button 87C196LB Datasheet HTML 10Page - Intel Corporation 87C196LB Datasheet HTML 11Page - Intel Corporation 87C196LB Datasheet HTML 12Page - Intel Corporation 87C196LB Datasheet HTML 13Page - Intel Corporation 87C196LB Datasheet HTML 14Page - Intel Corporation 87C196LB Datasheet HTML 15Page - Intel Corporation 87C196LB Datasheet HTML 16Page - Intel Corporation 87C196LB Datasheet HTML 17Page - Intel Corporation 87C196LB Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
PRODUCT PREVIEW
14
AUTOMOTIVE
®
4.0
ADDRESS MAP
5.0
ELECTRICAL CHARACTERISTICS
Table 5. Address Map
Hex
Address
Range
Description
Addressing
Modes
FFFF
8000
External device (memory or I/O) connected to address/data bus
Indirect or indexed
7FFF
2080
Program memory (internal nonvolatile or external memory); see
Note 1
Indirect or indexed
207F
2000
Special-purpose memory (internal nonvolatile or external memory)
Indirect or indexed
1FFF
1FE0
Memory-mapped SFRs
Indirect or indexed
1FDF
1F00
Peripheral SFRs
Indirect, indexed, or
windowed direct
1EFF
0300
External device (memory or I/O) connected to address/data bus;
(future SFR expansion; see Note 2)
Indirect or indexed
02FF
0100
Upper register file (general-purpose register RAM)
Indirect, indexed, or
windowed direct
00FF
0000
Lower register file (register RAM, stack pointer, and CPU SFRs)
Direct, indirect, or
indexed
NOTES:
1.
After a reset, the microcontroller fetches its first instruction from 2080H.
2.
The content or function of these locations may change in future microcontroller revisions, in which
case a program that relies on a location in this range might not function properly.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature .................................. –60°C to +150° C
Voltage from V
PP or EA# to VSS or ANGND... –0.5V to +13.0 V
Voltage from any other pin to V
SS or ANGND ... –0.5V to +7.0V
Power Dissipation .......................................................... 0.5 W
OPERATING CONDITIONS†
T
A (Ambient Temperature Under Bias)...........–40°C to +125°C
V
CC (Digital Supply Voltage) ............................ 4.50V to 5.50V
V
REF (Analog Supply Voltage)............................ 4.50V to 5.50V
F
XTAL
1 (Input Frequency):
- PLL in 2x mode............................ 4 MHz to 10 MHz
- PLL in 1x mode............................ 8 MHz to 20 MHz
Notes
1. ANGND and V
SS should be nominally at the same potential.
2. V
REF should not exceed VCC by more than 0.5V.
NOTICE: This document contains information
on products in the design phase of develop-
ment. Do not finalize a design with this infor-
mation. Revised information will be published
when the product is available. Verify with your
local Intel sales office that you have the latest
datasheet before finalizing a design.
†WARNING: Stressing the device beyond the
“Absolute Maximum Ratings” may cause per-
manent damage. These are stress ratings
only. Operation beyond the “Operating Condi-
tions” is not recommended and extended
exposure beyond the “Operating Conditions”
may affect device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com