Electronic Components Datasheet Search
  English  ▼

X  

87C196LB Datasheet(PDF) 18 Page - Intel Corporation

Part # 87C196LB
Description  CHMOS 16-BIT MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196LB Datasheet(HTML) 18 Page - Intel Corporation

Back Button 87C196LB Datasheet HTML 11Page - Intel Corporation 87C196LB Datasheet HTML 12Page - Intel Corporation 87C196LB Datasheet HTML 13Page - Intel Corporation 87C196LB Datasheet HTML 14Page - Intel Corporation 87C196LB Datasheet HTML 15Page - Intel Corporation 87C196LB Datasheet HTML 16Page - Intel Corporation 87C196LB Datasheet HTML 17Page - Intel Corporation 87C196LB Datasheet HTML 18Page - Intel Corporation 87C196LB Datasheet HTML 19Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
PRODUCT PREVIEW
18
AUTOMOTIVE
®
T
WHLH
WR# High to ALE High
t – 10
t + 15
ns(3)
T
WHAX
AD15:8 Hold after WR# High
t – 30
(4)
ns
T
RHAX
AD15:8 Hold after RD# High
t – 30(4)
ns
The system must meet these specifications to work with the 87C196LB
T
AVDV
Address Valid to Input Data Valid
3t – 55
ns
T
RLDV
RD# Low to Input Data Valid
t – 22
ns
T
CLDV
CLKOUT Low to Input Data Valid
t – 50
ns
T
RHDZ
RD# High to Input Data Float
t
ns
T
RXDX
Data Hold after RD# Inactive
0
ns
Table 7. AC Characteristics (Continued)
Symbol
Parameter
Min
Max
Units
NOTES:
1.
Testing performed at 4.0 MHz with PLL enabled. With the PLL bypassed, the device is only tested
down to 8 MHz. However, the device is static by design and will typically operate below 1 Hz.
2.
Typical specifications, not guaranteed.
3.
Assuming back-to-back bus cycles.
4.
8-bit bus only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com