Electronic Components Datasheet Search
  English  ▼

X  

GS3490 Datasheet(PDF) 6 Page - Semtech Corporation

Part # GS3490
Description  Configurable Adaptive Cable Equalizer/Cable Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3490 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button GS3490 Datasheet HTML 2Page - Semtech Corporation GS3490 Datasheet HTML 3Page - Semtech Corporation GS3490 Datasheet HTML 4Page - Semtech Corporation GS3490 Datasheet HTML 5Page - Semtech Corporation GS3490 Datasheet HTML 6Page - Semtech Corporation GS3490 Datasheet HTML 7Page - Semtech Corporation GS3490 Datasheet HTML 8Page - Semtech Corporation GS3490 Datasheet HTML 9Page - Semtech Corporation GS3490 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
GS3490
Final Data Sheet
Rev. 1
GENDOC-058568
April 2014
6 of 22
Proprietary & Confidential
www.semtech.com
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Table 2-1: Absolute Maximum Ratings
Parameter
Value
Supply Voltage
-0.5V to 3.6VDC
Input ESD Voltage (HBM)
3kV
Storage Temperature Range
-50°C to 125°C
Input Voltage Range (any input)
-0.3 to (VCC + 0.3)VDC
Operating Temperature Range
-40°C to +85°C
Solder Reflow Temperature
260°C
Note: Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation outside of the ranges shown in the AC/DC electrical
characteristics tables is not guaranteed.
Table 2-2: DC Electrical Characteristics
VCC = +3.3V ± 5%, TA = -20°C to +85°C (unless otherwise shown), Functional Temperature Range: -40°C to +85°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Supply Voltage
VCC
–
3.135
3.3
3.465
V
–
Power
Consumption
PD
Equalizer Mode
DDO Output Swing = 425mVppd
–
206
248
mW
4
Equalizer Mode
DDO Output Swing = 850mVppd
–
244
289
mW
4
Cable Driver Mode
–
190
235
mW
1
Power-Down Mode
EQ_DISABLE = 1, CD_ENABLE = 0
–39
56
mW
–
Supply Current
IS
Equalizer Mode
DDO Output Swing = 425mVppd
–65
77
mA
3
Equalizer Mode
DDO Output Swing = 850mVppd
–74
87
mA
3
Cable Driver Mode
–
58
68
mA
1
Power-Down Mode
EQ_DISABLE = 1, CD_ENABLE = 0
–12
17
mA
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com