Electronic Components Datasheet Search
  English  ▼

X  

GS3490 Datasheet(PDF) 18 Page - Semtech Corporation

Part # GS3490
Description  Configurable Adaptive Cable Equalizer/Cable Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3490 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button GS3490 Datasheet HTML 14Page - Semtech Corporation GS3490 Datasheet HTML 15Page - Semtech Corporation GS3490 Datasheet HTML 16Page - Semtech Corporation GS3490 Datasheet HTML 17Page - Semtech Corporation GS3490 Datasheet HTML 18Page - Semtech Corporation GS3490 Datasheet HTML 19Page - Semtech Corporation GS3490 Datasheet HTML 20Page - Semtech Corporation GS3490 Datasheet HTML 21Page - Semtech Corporation GS3490 Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
GS3490
Final Data Sheet
Rev. 1
GENDOC-058568
April 2014
18 of 22
Proprietary & Confidential
www.semtech.com
5. Application Information
5.1 Typical Application Circuit
Figure 5-1: GS3490 Typical Application Circuit
5.2 PCB Layout
Special attention must be paid to component layout when designing Serial Digital
Interfaces for HDTV. A FR-4 dielectric can be used, however, controlled impedance
transmission lines are required for PCB traces longer than approximately 1cm. Note the
following PCB artwork features used to optimize performance:
•
PCB trace width for 3Gb/s rate signals is closely matched to SMT component width
to minimize reflections due to change in trace impedance.
•
High-speed traces are curved to minimize impedance changes.
Cutouts in the inner layers should be used under the GS3490 input and output
components to minimize parasitic capacitance. For more detail on this and other layout
recommendations, please refer to A Guide For Designing With Semtech's 3G-SDI
Equalizers (Doc ID: GENDOC-055280).
SDI/O
750
Ω
470nF
137
Ω
4.7µF
1µF
10nF
7.5nH
1µF
75
Ω
VCC
VCC
100
Ω
75
Ω
VCC
75
Ω
U2
3
2
6
7
27
30
10
9
8.2nH
4.7µF
GS3490
CD
29
CD_ENABLE
28
EQ_DISABLE
RSET
DDO
DDO
DDI
DDI
16
CD_SD_EN
15
EQ_OP_CTL
14
EQ_SQ_ADJ
13
EQ_BYPASS
AGC-
AGC+
SDI
SDI
SDO
SDO
10nF
10nF
10nF
10nF
75
Ω
Note: AC-coupling capacitors may be required on DDI/DDI and DDO/DDO
when interfacing to devices with incompatible common mode voltages.
18
19
23
22
8.2nH
8
EQ_GAIN_SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com