Electronic Components Datasheet Search
  English  ▼

X  

GS3490 Datasheet(PDF) 20 Page - Semtech Corporation

Part # GS3490
Description  Configurable Adaptive Cable Equalizer/Cable Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3490 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button GS3490 Datasheet HTML 14Page - Semtech Corporation GS3490 Datasheet HTML 15Page - Semtech Corporation GS3490 Datasheet HTML 16Page - Semtech Corporation GS3490 Datasheet HTML 17Page - Semtech Corporation GS3490 Datasheet HTML 18Page - Semtech Corporation GS3490 Datasheet HTML 19Page - Semtech Corporation GS3490 Datasheet HTML 20Page - Semtech Corporation GS3490 Datasheet HTML 21Page - Semtech Corporation GS3490 Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
GS3490
Final Data Sheet
Rev. 1
GENDOC-058568
April 2014
20 of 22
Proprietary & Confidential
www.semtech.com
6.2 Packaging Data
6.3 Recommended PCB Footprint
Figure 6-2: Recommended PCB Footprint
Parameter
Value
Package Type
32-pin QFN / 5mm x 5mm / 0.5mm pad pitch
Moisture Sensitivity Level
3
Junction to Case Thermal Resistance,
θ
j-c
17.8°C/W
Junction to Air Thermal Resistance,
θ
j-a (at zero airflow)
26.4°C/W
Psi (
ψ) =Junction-to-Top (of Package) Characterization Parameter
0.4°C/W
Pb-free and RoHS compliant
Yes
0.6
0.3
0.50
4.20
3.30
0.40 x 45°
Notes:
1. All dimensions in mm.
2. Drawing not to scale.
3. 16 thermal VIAs, evenly spaced on centre paddle
connected to ground plane.
Pin #1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com