Electronic Components Datasheet Search
  English  ▼

X  

GS3490 Datasheet(PDF) 11 Page - Semtech Corporation

Part # GS3490
Description  Configurable Adaptive Cable Equalizer/Cable Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3490 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button GS3490 Datasheet HTML 7Page - Semtech Corporation GS3490 Datasheet HTML 8Page - Semtech Corporation GS3490 Datasheet HTML 9Page - Semtech Corporation GS3490 Datasheet HTML 10Page - Semtech Corporation GS3490 Datasheet HTML 11Page - Semtech Corporation GS3490 Datasheet HTML 12Page - Semtech Corporation GS3490 Datasheet HTML 13Page - Semtech Corporation GS3490 Datasheet HTML 14Page - Semtech Corporation GS3490 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
GS3490
Final Data Sheet
Rev. 1
GENDOC-058568
April 2014
11 of 22
Proprietary & Confidential
www.semtech.com
Figure 3-4: EQ_DISABLE, EQ_BYPASS,
EQ_GAIN_SEL Circuits
Figure 3-5: CD Circuit
EQ_DISABLE,
EQ_BYPASS,
EQ_GAIN_SEL
100k
Ω
VCC
CD
Internal
2.5V
Figure 3-6: EQ_OP_CTL Circuit
Figure 3-7: Cable Driver Differential Digital Data Input
Circuit
VCC
Internal Reference
Internal Reference
EQ_OP_CTL
Internal Circuitry
1M
Ω
VCC
VCC
DDI
DDI
50
Ω
50
Ω
5k
Ω
10k
Ω
EQ RC*
VCC
700pF
*RC Network
for Trace Equalization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com