Electronic Components Datasheet Search
  English  ▼

X  

80C196KC Datasheet(PDF) 1 Page - Intel Corporation

Part # 80C196KC
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C196KC Datasheet(HTML) 1 Page - Intel Corporation

  80C196KC Datasheet HTML 1Page - Intel Corporation 80C196KC Datasheet HTML 2Page - Intel Corporation 80C196KC Datasheet HTML 3Page - Intel Corporation 80C196KC Datasheet HTML 4Page - Intel Corporation 80C196KC Datasheet HTML 5Page - Intel Corporation 80C196KC Datasheet HTML 6Page - Intel Corporation 80C196KC Datasheet HTML 7Page - Intel Corporation 80C196KC Datasheet HTML 8Page - Intel Corporation 80C196KC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
November 1994
COPYRIGHT
INTEL CORPORATION 1995
Order Number 270942-005
8XC196KC8XC196KC20
COMMERCIALEXPRESS CHMOS
MICROCONTROLLER
87C196KC16 Kbytes of On-Chip OTPROM
83C196KC16 Kbytes ROM
80C196KCROMless
Y
16 and 20 MHz Available
Y
488 Byte Register RAM
Y
Register-to-Register Architecture
Y
28 Interrupt Sources16 Vectors
Y
Peripheral Transaction Server
Y
14 ms 16 x 16 Multiply (20 MHz)
Y
24 ms 3216 Divide (20 MHz)
Y
Powerdown and Idle Modes
Y
Five 8-Bit IO Ports
Y
16-Bit Watchdog Timer
Y
Extended Temperature Available
Y
Dynamically Configurable 8-Bit or
16-Bit Buswidth
Y
Full Duplex Serial Port
Y
High Speed IO Subsystem
Y
16-Bit Timer
Y
16-Bit UpDown Counter with Capture
Y
3 Pulse-Width-Modulated Outputs
Y
Four 16-Bit Software Timers
Y
8- or 10-Bit AD Converter with
SampleHold
Y
HOLD HLDA Bus Protocol
Y
OTPROM One-Time Programmable
Version
The 80C196KC 16-bit microcontroller is a high performance member of the MCS
96 microcontroller family
The 80C196KC is an enhanced 80C196KB device with 488 bytes RAM 16 and 20 MHz operation and an
optional 16 Kbytes of ROMOTPROM Intel’s CHMOS III process provides a high performance processor
along with low power consumption
The 87C196KC is an 80C196KC with 16 Kbytes on-chip OTPROM The 83C196KC is an 80C196KC with 16
Kbytes factory programmed ROM In this document the 80C196KC will refer to all products unless otherwise
stated
Four high-speed capture inputs are provided to record times when events occur Six high-speed outputs are
available for pulse or waveform generation The high-speed output can also generate four software timers or
start an AD conversion Events can be based on the timer or updown counter
With the commercial (standard) temperature option operational characteristics are guaranteed over the tem-
perature range of 0 Cto a70 C With the extended (Express) temperature range option operational charac-
teristics are guaranteed over the temperature range of b40 Cto a85 C Unless otherwise noted the specifi-
cations are the same for both options
See the Packaging information for extended temperature designators


Similar Part No. - 80C196KC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C196KB INTEL-80C196KB Datasheet
337Kb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
80C196KB INTEL-80C196KB Datasheet
1Mb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
logo
ARTSCHIP ELECTRONICS CO...
80C196KB ARTSCHIP-80C196KB Datasheet
1Mb / 22P
Commercial/Express CHMOS Microcontroller
logo
Intel Corporation
80C196KB16 INTEL-80C196KB16 Datasheet
337Kb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
80C196KB16 INTEL-80C196KB16 Datasheet
1Mb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results

Similar Description - 80C196KC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC196KB16 INTEL-8XC196KB16 Datasheet
337Kb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
8XC198 INTEL-8XC198 Datasheet
275Kb / 19P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
87C196KB INTEL-87C196KB Datasheet
1Mb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EE80C196KC20 INTEL-EE80C196KC20 Datasheet
457Kb / 25P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
TN80C196KC20 INTEL-TN80C196KC20_13 Datasheet
457Kb / 25P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EE80C196KB16 INTEL-EE80C196KB16 Datasheet
380Kb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EN80C196KB16 INTEL-EN80C196KB16 Datasheet
380Kb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EN87C196KC20 INTEL-EN87C196KC20 Datasheet
749Kb / 25P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EN87C196KB16 INTEL-EN87C196KB16 Datasheet
380Kb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
logo
ARTSCHIP ELECTRONICS CO...
8XC196KB ARTSCHIP-8XC196KB Datasheet
1Mb / 22P
Commercial/Express CHMOS Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com