Electronic Components Datasheet Search
  English  ▼

X  

80C196KC Datasheet(PDF) 23 Page - Intel Corporation

Part # 80C196KC
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C196KC Datasheet(HTML) 23 Page - Intel Corporation

Back Button 80C196KC Datasheet HTML 17Page - Intel Corporation 80C196KC Datasheet HTML 18Page - Intel Corporation 80C196KC Datasheet HTML 19Page - Intel Corporation 80C196KC Datasheet HTML 20Page - Intel Corporation 80C196KC Datasheet HTML 21Page - Intel Corporation 80C196KC Datasheet HTML 22Page - Intel Corporation 80C196KC Datasheet HTML 23Page - Intel Corporation 80C196KC Datasheet HTML 24Page - Intel Corporation 80C196KC Datasheet HTML 25Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
8XC196KC8XC196KC20
SLAVE PROGRAMMING MODE TIMING IN DATA PROGRAM
WITH REPEATED PROG PULSE AND AUTO INCREMENT
270942 – 29
8XC196KB TO 8XC196KC DESIGN
CONSIDERATIONS
1 Memory Map The 8XC196KC has 512 bytes of
RAMSFRs
and
an
optional
16K
of
ROMOTPROM The extra 256 bytes of RAM will
reside in locations 100H – 1FFH and the extra 8K
of
ROMOTPROM
will
reside
in
locations
4000H – 5FFFH
These locations are external
memory on the 8XC196KB
2 The CDE pin on the KB has become a VSS pin on
the KC to support 1620 MHz operation
3 EPROM programming The 8XC196KC has a dif-
ferent programming algorithm to support 16K of
on-board memory When performing Run-Time
Programming use the section of code in the
8XC196KC User’s Guide
4 ONCE Mode Entry The ONCE mode is entered
on the 8XC196KC by driving the TXD pin low on
the rising edge of RESET The TXD pin is held
high by a pullup that is specified by IOH1 This
Pullup must not be overridden or the 8XC196KC
will enter the ONCE mode
5 During the bus HOLD state
the 8XC196KC
weakly holds RD WR ALE BHE and INST in
their inactive states The 8XC196KB only holds
ALE in its inactive state
6 A RESET pulse from the 8XC196KC is 16 states
rather than 4 states as on the 8XC196KB (ie a
watchdog timer overflow) This provides a longer
RESET pulse for other devices in the system
8XC196KC ERRATA
1 Missed EXTINT on P07
The
80C196KC20
could
possibly
miss
an
EXTINT on P07 See techbit MC0893
2
HSI
MODE divide-by-eight
See Faxback
2192
3
IPD hump
See Faxback
2311
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com